Electronic Components Datasheet Search
  English  ▼

X  

SC1486ITSTR Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1486ITSTR
Description  Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486ITSTR Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC1486ITSTR Datasheet HTML 2Page - Semtech Corporation SC1486ITSTR Datasheet HTML 3Page - Semtech Corporation SC1486ITSTR Datasheet HTML 4Page - Semtech Corporation SC1486ITSTR Datasheet HTML 5Page - Semtech Corporation SC1486ITSTR Datasheet HTML 6Page - Semtech Corporation SC1486ITSTR Datasheet HTML 7Page - Semtech Corporation SC1486ITSTR Datasheet HTML 8Page - Semtech Corporation SC1486ITSTR Datasheet HTML 9Page - Semtech Corporation SC1486ITSTR Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
 2002 Semtech Corp.
www.semtech.com
SC1486
POWER MANAGEMENT
Pin Configuration
(TSSOP-28)
E
C
I
V
E
DE
G
A
K
C
A
PT
(
E
G
N
A
R
P
M
E
T
J)
R
T
S
T
I
6
8
4
1
C
S8
2
-
P
O
S
S
TC
°
5
2
1
o
t
C
°
0
4
-
Ordering Information
Top View
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
11
D
N
G
P.
d
n
u
o
r
g
r
e
w
o
P
21
L
D.
h
c
ti
w
s
T
E
F
S
O
M
e
d
i
s
w
o
l
e
h
t
r
o
f
t
u
p
t
u
o
e
v
ir
d
e
t
a
G
31
P
D
D
V.
s
r
e
v
ir
d
e
t
a
g
e
h
t
r
o
f
t
u
p
n
i
e
g
a
tl
o
v
y
l
p
p
u
s
V
5
+
41
M
I
L
I
e
c
r
u
o
s
e
h
t
r
o
g
n
i
s
n
e
s
)
n
o
(
S
D
R
r
o
f
T
E
F
S
O
M
e
d
i
s
-
w
o
l
f
o
n
i
a
r
d
o
t
t
c
e
n
n
o
C
.
n
i
p
t
u
p
n
i
ti
m
il
t
n
e
r
r
u
C
e
r
o
m
r
o
f
n
o
it
c
e
s
s
n
o
it
a
c
il
p
p
a
e
e
S
.r
o
t
s
i
s
e
r
g
n
i
s
n
e
s
d
l
o
h
s
e
r
h
t
a
h
g
u
o
r
h
t
g
n
i
s
n
e
s
r
o
t
s
i
s
e
r
r
o
f
.
n
o
it
a
m
r
o
f
n
i
51
X
L.
n
o
it
c
e
n
n
o
c
r
o
t
c
u
d
n
i
e
d
o
n
g
n
i
h
c
ti
w
S
61
H
D.
h
c
ti
w
s
T
E
F
S
O
M
e
d
i
s
h
g
i
h
e
h
t
r
o
f
t
u
p
t
u
o
e
v
ir
d
e
t
a
G
71
T
S
B.
e
v
ir
d
e
t
a
g
e
d
i
s
h
g
i
h
e
h
t
r
o
f
n
o
it
c
e
n
n
o
c
r
o
ti
c
a
p
a
c
t
s
o
o
B
8N
I
F
E
R
r
e
tl
if
t
u
p
n
i
F
µ
1
.
0
A
.
e
g
a
tl
o
v
s
i
h
t
s
t
e
s
y
l
p
p
u
s
tl
o
v
5
.
2
e
h
t
m
o
r
f
r
e
d
i
v
i
d
r
o
t
s
i
s
e
r
A
.t
u
p
n
i
e
c
n
e
r
e
f
e
R
.
d
e
d
n
e
m
o
c
c
e
r
s
i
r
o
ti
c
a
p
a
c
92
N
O
T
y
l
p
p
u
s
t
u
p
n
i
n
e
e
w
t
e
b
r
o
t
s
i
s
e
r
s
e
ir
e
s
y
b
T
E
F
S
O
M
r
e
p
p
u
f
o
e
m
it
-
n
o
s
t
e
s
d
n
a
e
g
a
tl
o
v
t
u
p
n
i
y
r
e
tt
a
B
.
N
I
V
d
n
a
0
1T
U
O
F
E
R
.
e
g
a
tl
o
v
s
i
h
t
o
t
s
e
t
a
l
u
g
e
r
r
e
ll
o
r
t
n
o
c
d
n
o
c
e
s
e
h
T
.t
u
p
t
u
o
N
I
F
E
R
d
e
r
e
ff
u
B
1
12
A
C
C
V
.r
e
tl
if
C
R
a
h
g
u
o
r
h
t
t
c
e
n
n
o
C
.
y
l
p
p
u
s
g
o
l
a
n
a
e
h
t
r
o
f
t
u
p
n
i
e
g
a
tl
o
v
y
l
p
p
u
S
2
12
K
B
F
e
g
a
tl
o
v
t
u
p
t
u
o
t
c
e
l
e
s
o
t
t
u
p
t
u
o
t
a
r
e
d
i
v
i
d
e
v
it
s
i
s
e
r
m
o
r
f
t
c
e
n
n
o
C
.
S
P
M
S
e
h
t
r
o
f
t
u
p
n
i
k
c
a
b
d
e
e
F
.
A
C
C
V
o
t
V
5
.
0
m
o
r
f
3
12
D
O
O
G
P
.
p
u
r
e
w
o
p
g
n
i
w
o
ll
o
f
y
a
l
e
d
e
l
c
y
c
k
c
o
l
c
d
e
x
if
a
r
e
tf
a
h
g
i
h
s
e
o
G
.t
u
p
t
u
o
d
o
o
G
r
e
w
o
P
4
12
D
N
G
A.
d
n
u
o
r
g
g
o
l
a
n
A
Pin Descriptions
Note:
Only available in tape and reel packaging. A reel
contains 2500 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com