Electronic Components Datasheet Search
  English  ▼

X  

74F27 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74F27
Description  Triple 3-input NOR gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74F27 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74F27 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74F27 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74F27 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74F27 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74F27 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74F27 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74F27 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74F27 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74F27 Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Philips Semiconductors
Product specification
74F27
Triple 3-input NOR gate
2
February 5, 1991
853 0049 01638
FEATURE
• Industrial temperature range available (–40°C to +85°C)
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F27
3.0ns
6.5mA
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
D2b
D2a
Q2
D2c
D0c
Q0
D0a
D0b
Q1
D1a
D1b
D1c
SF00033
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
INDUSTRIAL RANGE
VCC = 5V ±10%, Tamb = –40°C to +85°C
PKG DWG #
14-pin plastic DIP
N74F27N
I74F27N
SOT27-1
14-pin plastic SO
N74F27D
I74F27D
SOT108-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
Dna, Dnb, Dnc
Data inputs
1.0/1.0
20
µA/0.6mA
Qn
Data output
50/33
1.0mA/20mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the high state and 0.6mA in the low state.
LOGIC DIAGRAM
VCC = Pin 14
GND = Pin 7
SF00034
Q0
Q1
Q2
12
6
8
1
2
13
3
4
5
9
10
11
D0a
D0b
D0c
D1a
D1b
D1c
D2a
D2b
D2c
FUNCTION TABLE
INPUTS
OUTPUT
Dna
Dnb
Dnc
Qn
L
L
L
H
X
X
H
L
X
H
X
L
H
X
X
L
NOTES:
H = High voltage level
L
= Low voltage level



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com