Electronic Components Datasheet Search
  English  ▼

X  

74F27 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74F27
Description  Triple 3-input NOR gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74F27 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74F27 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74F27 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74F27 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74F27 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74F27 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74F27 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74F27 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74F27 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74F27 Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Philips Semiconductors
Product specification
74F27
Triple 3-input NOR gate
February 5, 1991
3
LOGIC SYMBOL
D0a
D0b D0c
D1b
D1c
D2a
D2b
D1a
Q0
Q1
Q2
12
6
8
1
2
13
3
4
5
9
10
VCC = Pin 14
GND = Pin 7
SF00035
D2c
11
IEC/IEEE SYMBOL
SF00036
w1
12
6
8
1
2
13
3
4
5
9
10
11
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in high output state
–0.5 to VCC
V
IOUT
Current applied to output in low output state
40
mA
T
Operating free air temperature range
Commercial range
0 to +70
°C
Tamb
Operating free air temperature range
Industrial range
–40 to +85
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
MIN
NOM
MAX
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High–level input voltage
2.0
V
VIL
Low–level input voltage
0.8
V
IIk
Input clamp current
–18
mA
IOH
High–level output current
–1
mA
IOL
Low–level output current
20
mA
Tamb
Operating free air temperature range
Commercial range
0
+70
°C
Industrial range
–40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com