Electronic Components Datasheet Search
  English  ▼

X  

74HC161 Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74HC161
Description  Presettable synchronous 4-bit binary counter; asynchronous reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC161 Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74HC161 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC161 Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Nexperia
74HC161
Presettable synchronous 4-bit binary counter; asynchronous reset
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min Typ Max
Min
Max
Min
Max
Unit
MR to CP; see Fig. 11
VCC = 2.0 V
100
19
-
125
-
150
-
ns
VCC = 4.5 V
20
7
-
25
-
30
-
ns
trec
recovery time
VCC = 6.0 V
17
6
-
21
-
26
-
ns
Dn to CP; see Fig. 12
VCC = 2.0 V
80
25
-
100
-
120
-
ns
VCC = 4.5 V
16
9
-
20
-
24
-
ns
VCC = 6.0 V
14
7
-
17
-
20
-
ns
PE to CP; see Fig. 12
VCC = 2.0 V
100
30
-
125
-
150
-
ns
VCC = 4.5 V
20
11
-
25
-
30
-
ns
VCC = 6.0 V
17
9
-
21
-
26
-
ns
CEP, CET to CP; see Fig. 13
VCC = 2.0 V
170
47
-
215
-
255
-
ns
VCC = 4.5 V
34
17
-
43
-
51
-
ns
tsu
set-up time
VCC = 6.0 V
29
14
-
37
-
43
-
ns
Dn, PE, CEP, CET to CP;
see Fig. 12 and Fig. 13
VCC = 2.0 V
0
-14
-
0
-
0
-
ns
VCC = 4.5 V
0
-5
-
0
-
0
-
ns
th
hold time
VCC = 6.0 V
0
-4
-
0
-
0
-
ns
CP; see Fig. 9
VCC = 2.0 V
4.6
13
-
3.6
-
3.0
-
MHz
VCC = 4.5 V
23
40
-
18
-
15
-
MHz
VCC = 5.0 V; CL = 15 pF
-
44
-
-
-
-
-
MHz
fmax
maximum
frequency
VCC = 6.0 V
27
48
-
21
-
18
-
MHz
CPD
power
dissipation
capacitance
VI = GND to VCC; VCC = 5 V;
fi = 1 MHz
[3]
-
33
-
-
-
-
-
pF
[1] tpd is the same as tPHL and tPLH.
[2] tt is the same as tTHL and tTLH.
[3] CPD is used to determine the dynamic power dissipation (PD in μW):
PD = CPD x VCC 2 x fi × N + ∑(CL x VCC 2 x fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(CL x VCC 2 x fo) = sum of outputs.
74HC161
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 5 — 16 March 2021
9 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com