Electronic Components Datasheet Search
  English  ▼

X  

74HC4024 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74HC4024
Description  7-stage binary ripple counter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4024 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74HC4024 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Nexperia
74HC4024
7-stage binary ripple counter
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Tamb = -40 °C to +85 °C
VCC = 2.0 V
1.5
-
-
V
VCC = 4.5 V
3.15
-
-
V
VIH
HIGH-level input voltage
VCC = 6.0 V
4.2
-
-
V
VCC = 2.0 V
-
-
0.5
V
VCC = 4.5 V
-
-
1.35 V
VIL
LOW-level input voltage
VCC = 6.0 V
-
-
1.8
V
VI = VIH or VIL
IO = -20 μA; VCC = 2.0 V
1.9
-
-
V
IO = -20 μA; VCC = 4.5 V
4.4
-
-
V
IO = -20 μA; VCC = 6.0 V
5.9
-
-
V
IO = -4 mA; VCC = 4.5 V
3.84
-
-
V
VOH
HIGH-level output voltage
IO = -5.2 mA; VCC = 6.0 V
5.34
-
-
V
VI = VIH or VIL
IO = 20 μA; VCC = 2.0 V
-
-
0.1
V
IO = 20 μA; VCC = 4.5 V
-
-
0.1
V
IO = 20 μA; VCC = 6.0 V
-
-
0.1
V
IO = 4 mA; VCC = 4.5 V
-
-
0.33 V
VOL
LOW-level output voltage
IO = 5.2 mA; VCC = 6.0 V
-
-
0.33 V
II
input leakage current
VI = VCC or GND; VCC = 6.0 V
-
-
±1.0 μA
ICC
supply current
VI = VCC or GND; IO = 0 A; VCC = 6.0 V
-
-
80
μA
Tamb = -40 °C to +125 °C
VCC = 2.0 V
1.5
-
-
V
VCC = 4.5 V
3.15
-
-
V
VIH
HIGH-level input voltage
VCC = 6.0 V
4.2
-
-
V
VCC = 2.0 V
-
-
0.5
V
VCC = 4.5 V
-
-
1.35 V
VIL
LOW-level input voltage
VCC = 6.0 V
-
-
1.8
V
VI = VIH or VIL
IO = -20 μA; VCC = 2.0 V
1.9
-
-
V
IO = -20 μA; VCC = 4.5 V
4.4
-
-
V
IO = -20 μA; VCC = 6.0 V
5.9
-
-
V
IO = -4 mA; VCC = 4.5 V
3.7
-
-
V
VOH
HIGH-level output voltage
IO = -5.2 mA; VCC = 6.0 V
5.2
-
-
V
VI = VIH or VIL
IO = 20 μA; VCC = 2.0 V
-
-
0.1
V
IO = 20 μA; VCC = 4.5 V
-
-
0.1
V
IO = 20 μA; VCC = 6.0 V
-
-
0.1
V
IO = 4 mA; VCC = 4.5 V
-
-
0.4
V
VOL
LOW-level output voltage
IO = 5.2 mA; VCC = 6.0 V
-
-
0.4
V
II
input leakage current
VI = VCC or GND; VCC = 6.0 V
-
-
±1.0 μA
ICC
supply current
VI = VCC or GND; IO = 0 A; VCC = 6.0 V
-
-
160 μA
74HC4024
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
Rev. 10 — 23 November 2018
5 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com