Electronic Components Datasheet Search
  English  ▼

X  

74HC4024 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74HC4024
Description  7-stage binary ripple counter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4024 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74HC4024 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC4024 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Nexperia
74HC4024
7-stage binary ripple counter
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = -40 °C to +125 °C
CP to Q0; see Fig. 6
[1]
VCC = 2.0 V
-
-
265
ns
VCC = 4.5 V
-
-
53
ns
VCC = 6.0 V
-
-
45
ns
Qn to Qn+1; see Fig. 6
[1]
VCC = 2.0 V
-
-
120
ns
VCC = 4.5 V
-
-
24
ns
tpd
propagation delay
VCC = 6.0 V
-
-
20
ns
MR to Q0; see Fig. 6
VCC = 2.0 V
-
-
300
ns
VCC = 4.5 V
-
-
60
ns
tPHL
HIGH to LOW
propagation delay
VCC = 6.0 V
-
-
51
ns
see Fig. 6
[2]
VCC = 2.0 V
-
-
110
ns
VCC = 4.5 V
-
-
22
ns
tt
transition time
VCC = 6.0 V
-
-
19
ns
CP HIGH or LOW; see Fig. 6
VCC = 2.0 V
120
-
-
ns
VCC = 4.5 V
24
-
-
ns
VCC = 6.0 V
20
-
-
ns
MR HIGH; see Fig. 6
VCC = 2.0 V
120
-
-
ns
VCC = 4.5 V
24
-
-
ns
tW
pulse width
VCC = 6.0 V
20
-
-
ns
MR to CP; see Fig. 6
VCC = 2.0 V
75
-
-
ns
VCC = 4.5 V
15
-
-
ns
trec
recovery time
VCC = 6.0 V
13
-
-
ns
CP; see Fig. 6
VCC = 2.0 V
4.0
-
-
MHz
VCC = 4.5 V
20
-
-
MHz
fmax
maximum frequency
VCC = 6.0 V
24
-
-
MHz
[1] tpd is the same as tPLH and tPHL.
[2] tt is the same as tTHL and tTLH.
[3] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD x VCC2 x fi x N + ∑(CL x VCC2 x fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
∑(CL x VCC2 x fo) = sum of outputs.
74HC4024
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
Rev. 10 — 23 November 2018
8 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com