Electronic Components Datasheet Search
  English  ▼

X  

CDDT Datasheet(PDF) 2 Page - Greystone Energy Systems Inc.

Part # CDDT
Description  DUCT CARBON DIOXIDE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

CDDT Datasheet(HTML) 2 Page - Greystone Energy Systems Inc.

  CDDT Datasheet HTML 1Page - Greystone Energy Systems Inc. CDDT Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-CDDTXXX-03
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
PRODUCT
CDDT Duct Carbon Dioxide Transmitter
ENCLOSURE
B
F
Polycarbonate with hinged and gasketed cover
Same as B, with thread adapter (1/2” NPT to M16) & cable gland fitting
CO
2 SENSING & RANGE
2
Dual Channel, Non-Dispersive Infrared (NDIR), diffusion sampling, 0-20,000ppm, adjustable
RELAY OUTPUT
X
R
No relay
Relay
OPTIONAL TEMPERATURE SENSOR
00
02
05
06
07
08
12
13
14
20
24
59
No Sensor Option
100 Ω Platinum, IEC 751, 385 Alpha, thin film
1801 Ω NTC Thermistor, ±0.2°C
3000 Ω NTC Thermistor, ±0.2°C
10,000 Ω Type 3, NTC Thermistor, ±0.2°C
2.252 Ω NTC Thermistor, ±0.2°C
1000 Ω Platinum, IEC 751, 385 Alpha, thin film
1000 Ω Nickel, Class B, DIN 43760
10,000 Ω Type 3, NTC Thermistor, ±0.2°C c/w 11K shunt resistor
20,000 Ω NTC Thermistor, ±0.2°C
10,000 Ω Type 2, NTC Thermistor, 0.2°C
10,000 Ω, 25°C, ±1%, B = 3435 ±1% (25/85)
ORDERING
CDDT
PART NUMBER
WIRING INFORMATION
TERMINAL
FUNCTION
PWR
+24 Vac/dc
COM
Common
CO2
Analog Output
TEMP
Resistance Output
TEMP A
Resistance Output
NO
Digital Output
RELAY
Digital Output
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
POWER
COMMON
CO2
TEMP
TEMP A
N.O.
RELAY
ROLL MENU
mA
VOLT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com