Electronic Components Datasheet Search
  English  ▼

X  

CDDT Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # CDDT
Description  DUCT CARBON DIOXIDE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

CDDT Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  CDDT Datasheet HTML 1Page - Greystone Energy Systems Inc. CDDT Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
DUCT CARBON DIOXIDE TRANSMITTER
CDDT SERIES
PRODUCT DESCRIPTION
The CO
2 transmitter uses Infrared Technology to
monitor CO
2 levels and outputs a linear 4-20 mA or
0-5/0-10 Vdc signal. Options include a control relay
and a resistive temperature sensor. Features include
a back-lit LCD and user menu for easy installation.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The duct type sensor installs on the outside of a
return air duct with the sampling tube inserted into
the duct. Mount the sensor in an easily accessible
location in a straight section of duct at least five
feet from corners and other items that may cause
disturbances in the air flow. Avoid areas with
vibrations or rapid temperature changes.
The enclosure provides mounting tabs for ease of
installation.
POWER SUPPLY
20 - 28 Vac/dc (non-isolated half-wave rectified)
CONSUMPTIONS
Current: 120 mA max @ 24 Vdc, 212 mA max @ 24 Vac
Voltage: 79 mA max @ 24 Vac, 129 mA max @ 24 Vac
OUTPUT SIGNALS
4 - 20 mA active (sourcing) or 0-5 Vdc / 0-10 Vdc (field selectable)
OUTPUT DRIVE CAPABILITY
Current: 550 Ω maximum
Voltage: 5K Ω minimum
OUTPUT RESOLUTION
10 bit PWM
INPUT VOLTAGE EFFECT
Negligible over specified operating range
PROTECTION CIRCUITRY
Reverse voltage protected, overvoltage protected
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
EXTERNAL DIMENSIONS
116.5mm W x 112.5mm H x 53.7mm D (4.585” x 4.43” x 2.11”)
ENCLOSURE
IP65 (NEMA 4X)
LCD
Resolution: 1ppm CO
2
Size: 35mm W x 15mm H (1.4” x 0.6”)
Backlight: Enable or disable via keypad
MEASUREMENT TYPE
Dual Channel, Non-Dispersive Infrared (NDIR), diffusion sampling
MEASUREMENT RANGE
0-20,000ppm, programmable span
STANDARD ACCURACY
+75ppm (400-1000 ppm)
>1000 ppm, 10% of reading
TEMPERATURE DEPENDENCE
0.2% F.S. per °C
STABILITY
(0-20,000ppm) <5 %F.S. over life of sensor (10 years typical)
PRESSURE DEPENDENCE
0.13% of reading per mm Hg
ALTITUDE CORRECTION
Programmable from 0-5000ft via keypad
RESPONSE TIME
<2 minutes for 90% step change typical
WARM-UP TIME
<2 minutes
SENSING ELEMENT
Various RTD’s or thermistors as 2 wire resistance output
CONTACT RATINGS
Form A contact (N.O.), 2 Amps @ 140 Vac, 2 Amps @ 30 Vdc
RELAY TRIP POINT
Programmable via keypad
RELAY HYSTERESIS
Programmable via keypad
APPROVALS
CE, RoHS
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH F ENCLOSURE OPTION
116.5 mm
4.585"
99.7 mm
3.93"
0.5" NPT
112.5 mm
4.43"
53.7 mm
2.11"
152 mm
6"
22.5 mm
0.88"


Similar Part No. - CDDT

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
CDD ATC-CDD Datasheet
183Kb / 1P
Universal DC Current Monitor
logo
Tyco Electronics
CDD-38-30003 MACOM-CDD-38-30003 Datasheet
50Kb / 2P
CMOS IC Time Delay Relay
CDD-38-30004 MACOM-CDD-38-30004 Datasheet
50Kb / 2P
CMOS IC Time Delay Relay
CDD-38-30005 MACOM-CDD-38-30005 Datasheet
50Kb / 2P
CMOS IC Time Delay Relay
CDD-38-30008 MACOM-CDD-38-30008 Datasheet
50Kb / 2P
CMOS IC Time Delay Relay
More results

Similar Description - CDDT

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
T3000 AMPHENOL-T3000 Datasheet
98Kb / 4P
Accurate carbon dioxide transmitter for HVAC control applications
logo
Greystone Energy System...
PS-CHTD GREYSTONE-PS-CHTD Datasheet
522Kb / 2P
DUCT CARBON DIOXIDE/HUMIDITY/TEMPERATURE TRANSMITTER
CD2DT GREYSTONE-CD2DT Datasheet
271Kb / 2P
DUCT CARBON DIOXIDE TRANSMITTER
CD2OS GREYSTONE-CD2OS Datasheet
306Kb / 2P
OUTSIDE CARBON DIOXIDE TRANSMITTER
CD2RMC GREYSTONE-CD2RMC Datasheet
268Kb / 2P
ROOM CARBON DIOXIDE DETECTOR
CDD5X1 GREYSTONE-CDD5X1 Datasheet
402Kb / 2P
ROOM CARBON DIOXIDE DETECTOR
CEDT GREYSTONE-CEDT Datasheet
421Kb / 2P
DUCT CARBON DIOXIDE TRANSMITTER
CERMC GREYSTONE-CERMC Datasheet
171Kb / 2P
ROOM CARBON DIOXIDE TRANSMITTER
CHTDT GREYSTONE-CHTDT Datasheet
522Kb / 2P
DUCT CARBON DIOXIDE/HUMIDITY/TEMPERATURE TRANSMITTER
logo
Vaisala
GMP251 VAISALA-GMP251 Datasheet
229Kb / 3P
GMP251 Carbon Dioxide Probe
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com