Electronic Components Datasheet Search
  English  ▼

X  

LTC2284 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2284
Description  Dual 14-Bit, 105Msps Low Power 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2284 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2284 Datasheet HTML 14Page - Linear Technology LTC2284 Datasheet HTML 15Page - Linear Technology LTC2284 Datasheet HTML 16Page - Linear Technology LTC2284 Datasheet HTML 17Page - Linear Technology LTC2284 Datasheet HTML 18Page - Linear Technology LTC2284 Datasheet HTML 19Page - Linear Technology LTC2284 Datasheet HTML 20Page - Linear Technology LTC2284 Datasheet HTML 21Page - Linear Technology LTC2284 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC2284
2284fa
18
Data Format
Using the MODE pin, the LTC2284 parallel digital output
can be selected for offset binary or 2’s complement
format. Connecting MODE to GND or 1/3VDD selects
offset binary output format. Connecting MODE to 2/3VDD
or VDD selects 2’s complement output format. An external
resistor divider can be used to set the 1/3VDD or 2/3VDD
logic values. Table 2 shows the logic states for the MODE
pin.
Sleep and Nap Modes
The converter may be placed in shutdown or nap modes
to conserve power. Connecting SHDN to GND results in
normal operation. Connecting SHDN to VDD and OE to VDD
results in sleep mode, which powers down all circuitry
including the reference and typically dissipates 1mW. When
exiting sleep mode it will take milliseconds for the output
data to become valid because the reference capacitors have
to recharge and stabilize. Connecting SHDN to VDD and OE
to GND results in nap mode, which typically dissipates
30mW. In nap mode, the on-chip reference circuit is kept
on, so that recovery from nap mode is faster than that from
sleep mode, typically taking 100 clock cycles. In both sleep
and nap modes, all digital outputs are disabled and enter
the Hi-Z state.
Channels A and B have independent SHDN pins (SHDNA,
SHDNB). Channel A is controlled by SHDNA and OEA, and
Channel B is controlled by SHDNB and OEB. The nap, sleep
and output enable modes of the two channels are completely
independent, so it is possible to have one channel operat-
ing while the other channel is in nap or sleep mode.
Digital Output Multiplexer
The digital outputs of the LTC2284 can be multiplexed onto
a single data bus if the sample rate is 80Msps or less. The
MUX pin is a digital input that swaps the two data busses.
If MUX is High, Channel A comes out on DA0-DA13, OFA;
Channel B comes out on DB0-DB13, OFB. If MUX is Low,
the output busses are swapped and Channel A comes out
on DB0-DB13, OFB; Channel B comes out on DA0-DA13,
OFA. To multiplex both channels onto a single output bus,
connect MUX, CLKA and CLKB together (see the Timing
Diagram for the multiplexed mode). The multiplexed data
is available on either data bus—the unused data bus can
be disabled with its OE pin.
Table 2. MODE Pin Function
Clock Duty
MODE Pin
Output Format
Cycle Stabilizer
0
Offset Binary
Off
1/3VDD
Offset Binary
On
2/3VDD
2’s Complement
On
VDD
2’s Complement
Off
APPLICATIO S I FOR ATIO
Overflow Bit
When OF outputs a logic high the converter is either
overranged or underranged.
Output Driver Power
Separate output power and ground pins allow the output
drivers to be isolated from the analog circuitry. The power
supply for the digital output buffers, OVDD, should be tied
to the same power supply as for the logic being driven. For
example, if the converter is driving a DSP powered by a 1.8V
supply, then OVDD should be tied to that same 1.8V supply.
OVDD can be powered with any voltage from 500mV up to
3.6V. OGND can be powered with any voltage from GND up
to 1V and must be less than OVDD. The logic outputs will
swing between OGND and OVDD.
Output Enable
The outputs may be disabled with the output enable pin, OE.
OE high disables all data outputs including OF. The data ac-
cess and bus relinquish times are too slow to allow the
outputs to be enabled and disabled during full speed op-
eration. The output Hi-Z state is intended for use during long
periods of inactivity. Channels A and B have independent
output enable pins (OEA, OEB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com