Electronic Components Datasheet Search
  English  ▼

X  

LTC2284 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC2284
Description  Dual 14-Bit, 105Msps Low Power 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2284 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2284 Datasheet HTML 16Page - Linear Technology LTC2284 Datasheet HTML 17Page - Linear Technology LTC2284 Datasheet HTML 18Page - Linear Technology LTC2284 Datasheet HTML 19Page - Linear Technology LTC2284 Datasheet HTML 20Page - Linear Technology LTC2284 Datasheet HTML 21Page - Linear Technology LTC2284 Datasheet HTML 22Page - Linear Technology LTC2284 Datasheet HTML 23Page - Linear Technology LTC2284 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
LTC2284
23
2284fa
9 .00
± 0.10
(4 SIDES)
NOTE:
1. DRAWING CONFORMS TO JEDEC PACKAGE OUTLINE MO-220 VARIATION WNJR-5
2. ALL DIMENSIONS ARE IN MILLIMETERS
3. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.20mm ON ANY SIDE, IF PRESENT
4. EXPOSED PAD SHALL BE SOLDER PLATED
5. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE TOP AND BOTTOM OF PACKAGE
6. DRAWING NOT TO SCALE
PIN 1 TOP MARK
(SEE NOTE 5)
0.40
± 0.10
64
63
1
2
BOTTOM VIEW—EXPOSED PAD
7.15
± 0.10
(4-SIDES)
0.75
± 0.05
R = 0.115
TYP
0.25
± 0.05
0.50 BSC
0.200 REF
0.00 – 0.05
(UP64) QFN 1003
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
0.70
±0.05
7.15
±0.05
(4 SIDES)
8.10
±0.05 9.50 ±0.05
0.25
±0.05
0.50 BSC
PACKAGE OUTLINE
PIN 1
CHAMFER
PACKAGE DESCRIPTIO
UP Package
64-Lead Plastic QFN (9mm
× 9mm)
(Reference LTC DWG # 05-08-1705)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com