Electronic Components Datasheet Search
  English  ▼

X  

PUMB3 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # PUMB3
Description  PNP/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUMB3 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

  PUMB3 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUMB3 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUMB3 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUMB3 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUMB3 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUMB3 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUMB3 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUMB3 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NXP Semiconductors
Contact information
For additional information please visit: http://www.nxp.com
For sales offices addresses send e-mail to: salesaddresses@nxp.com
© NXP B.V. 2009
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner.
The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed
without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license
under patent- or other industrial or intellectual property rights.
Customer notification
This data sheet was changed to reflect the new company name NXP Semiconductors. No changes were
made to the content, except for the legal definitions and disclaimers.
Printed in The Netherlands
R75/02/pp8
Date of release: 2003 Oct 15
Document order number: 9397 750 11792



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com