Electronic Components Datasheet Search
  English  ▼

X  

PUMB3 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PUMB3
Description  PNP/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUMB3 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PUMB3 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUMB3 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUMB3 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUMB3 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUMB3 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUMB3 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUMB3 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUMB3 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product data sheet
Supersedes data of 2001 Sep 19
2003 Oct 15
DISCRETE SEMICONDUCTORS
PEMB3; PUMB3
PNP/PNP resistor-equipped
transistors; R1 = 4.7 k
Ω, R2 = open


Similar Part No. - PUMB3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMB3 PHILIPS-PUMB3 Datasheet
52Kb / 8P
PNP resistor-equipped double transistor; R1 = 4.7 kohm
2001 Sep 19
PUMB3 PHILIPS-PUMB3 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PUMB3 NXP-PUMB3 Datasheet
137Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2003 Oct 15
logo
Nexperia B.V. All right...
PUMB3 NEXPERIA-PUMB3 Datasheet
297Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Apr 07
logo
NXP Semiconductors
PUMB30 PHILIPS-PUMB30 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
More results

Similar Description - PUMB3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143T PHILIPS-PDTA143T Datasheet
89Kb / 14P
PNP resistor-equipped transistors: R1 = 4.7 KOHM, R2 = open
2004 Aug 04
logo
Nexperia B.V. All right...
PDTC143T_SERIES NEXPERIA-PDTC143T_SERIES Datasheet
402Kb / 15P
NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 06
PEMB4 NEXPERIA-PEMB4 Datasheet
342Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 10 kΩ, R2 = open
2003 Oct 15
PDTA124T_SERIES NEXPERIA-PDTA124T_SERIES Datasheet
403Kb / 15P
PNP resistor-equipped transistors; R1 = 22 kΩ, R2 = open
2004 Aug 04
PDTA143T_SERIES NEXPERIA-PDTA143T_SERIES Datasheet
385Kb / 15P
PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 04
PDTA143ZMB NEXPERIA-PDTA143ZMB Datasheet
837Kb / 12P
PNP resistor-equipped transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
Rev. 1 - 29 June 2012
PDTA144T_SERIES NEXPERIA-PDTA144T_SERIES Datasheet
401Kb / 15P
PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 05
PUMB13-Q NEXPERIA-PUMB13-Q Datasheet
235Kb / 12P
PNP/PNP resistor-equipped double transistors; R1 = 4.7 kΩ, R2 = 47 kΩ
25 October 2021
PDTC143T_SER NEXPERIA-PDTC143T_SER Datasheet
402Kb / 15P
NPN resistor-equipped transistors R1 = 4.7 kΩ, R2 = open
2004 Aug 06
PUMD6 NEXPERIA-PUMD6 Datasheet
297Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Apr 07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com