Electronic Components Datasheet Search
  English  ▼

X  

UPC1909 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC1909
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1909 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPC1909 Datasheet HTML 4Page - Renesas Technology Corp UPC1909 Datasheet HTML 5Page - Renesas Technology Corp UPC1909 Datasheet HTML 6Page - Renesas Technology Corp UPC1909 Datasheet HTML 7Page - Renesas Technology Corp UPC1909 Datasheet HTML 8Page - Renesas Technology Corp UPC1909 Datasheet HTML 9Page - Renesas Technology Corp UPC1909 Datasheet HTML 10Page - Renesas Technology Corp UPC1909 Datasheet HTML 11Page - Renesas Technology Corp UPC1909 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Data Sheet G14309EJ2V0DS00
6
µµµµPC1909
2. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (Unless otherwise specified, TA = 25
°°°°C)
Parameter
Symbol
µPC1909CX
µPC1909GS
Unit
Power Supply Voltage
VCC
26
V
Output Current (DC, per output)
IC (DC)
100
mA
Output Current (peak, per output)
IC (peak)
1.2
A
Total Power Dissipation
PT
1000
694
mW
Operating Ambient Temperature
TA
−20 to +85
°C
Operating Junction Temperature
TJ
−20 to +150
°C
Storage Temperature
Tstg
−55 to +150
°C
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for
any parameter. That is, the absolute maximum ratings are rated values at which the product is
on the verge of suffering physical damage, and therefore the product must be used under
conditions that ensure that the absolute maximum ratings are not exceeded.
Recommended Operating Conditions
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Power Supply Voltage
VCC
710
24
V
Oscillation Frequency
fOSC
50
200
500
kHz
Output Load Capacitance
CL
2200
3000
pF
Timing Resistance
RT
10
k
Ω
Operating Junction Temperature
TJ
−20
+100
°C
Caution
The recommended operating range may be exceeded without causing any problems provided
that the absolute maximum ratings are not exceeded. However, if the device is operated in a
way that exceeds the recommended operating conditions, the margin between the actual
conditions of use and the absolute maximum ratings is small, and therefore thorough
evaluation is necessary. The recommended operating conditions do not imply that the device
can be used with all values at their maximum values.
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com