Electronic Components Datasheet Search
  English  ▼

X  

UPC1909 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPC1909
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1909 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPC1909 Datasheet HTML 10Page - Renesas Technology Corp UPC1909 Datasheet HTML 11Page - Renesas Technology Corp UPC1909 Datasheet HTML 12Page - Renesas Technology Corp UPC1909 Datasheet HTML 13Page - Renesas Technology Corp UPC1909 Datasheet HTML 14Page - Renesas Technology Corp UPC1909 Datasheet HTML 15Page - Renesas Technology Corp UPC1909 Datasheet HTML 16Page - Renesas Technology Corp UPC1909 Datasheet HTML 17Page - Renesas Technology Corp UPC1909 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Data Sheet G14309EJ2V0DS00
12
µµµµPC1909
Signal Name
Function
Signal Name
Function
OUT1
Output for main switch
OUT2
Output for subswitch
DTC1
Voltage for setting maximum duty limit of OUT1
DTC2
Voltage for setting maximum duty limit of OUT2
FB
Feedback voltage of converter output
CT
Triangle wave generated by oscillator
dCT
Triangle wave that is CT level-shifted via the
level shift circuit (OLS)
Remarks 1. The oscillation frequency of CT is determined by the external capacitor connected to the CT pin and the
external resistor connected to the RT pin (refer to 3.3 Overcurrent Limitation Operation). CT is a
symmetrical triangle wave with a trough voltage (low-level threshold voltage VTH(L)) of 1.5 V and a crest
voltage (high-level threshold voltage VTH(H)) of 3.5 V. Note that the dCT voltage cannot be viewed
externally.
2. In the T1 and T2 periods in Figure 3-1, the FB voltage level rises as the converter output voltage is boosted,
with the result that the converter voltage cannot be controlled by FB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com