Electronic Components Datasheet Search
  English  ▼

X  

UPC3033 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPC3033
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC3033 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPC3033 Datasheet HTML 5Page - Renesas Technology Corp UPC3033 Datasheet HTML 6Page - Renesas Technology Corp UPC3033 Datasheet HTML 7Page - Renesas Technology Corp UPC3033 Datasheet HTML 8Page - Renesas Technology Corp UPC3033 Datasheet HTML 9Page - Renesas Technology Corp UPC3033 Datasheet HTML 10Page - Renesas Technology Corp UPC3033 Datasheet HTML 11Page - Renesas Technology Corp UPC3033 Datasheet HTML 12Page - Renesas Technology Corp UPC3033 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Data Sheet G17372EJ2V0DS
8
μ PC3033,3005
PACKAGE DRAWING (Unit: mm)
M
14
4-PIN PLASTIC SIP (TO-126)
ITEM
MILLIMETERS
A
8.5 MAX.
1.1 MIN.
F
J
K
E
0.65
±0.1
G
0.2
D
C
9.7
±0.3
3.2
±0.1
V
0.55
±0.1
Y
13.5
±0.7
H
2.0
M
11.5 MAX.
N
2.7
±0.2
1.25 MAX.
2.3 MIN.
Q
14.5 MAX.
U
1.7 MAX.
M
D
Q
Y
A
K
J
C
H
E
F
G
N
U
V
φ
NOTE
Each lead centerline is located within 0.2 mm of
its true position (T.P.) at maximum material condition.
P4HP-200B-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com