Electronic Components Datasheet Search
  English  ▼

X  

UPC3033 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # UPC3033
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC3033 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button UPC3033 Datasheet HTML 5Page - Renesas Technology Corp UPC3033 Datasheet HTML 6Page - Renesas Technology Corp UPC3033 Datasheet HTML 7Page - Renesas Technology Corp UPC3033 Datasheet HTML 8Page - Renesas Technology Corp UPC3033 Datasheet HTML 9Page - Renesas Technology Corp UPC3033 Datasheet HTML 10Page - Renesas Technology Corp UPC3033 Datasheet HTML 11Page - Renesas Technology Corp UPC3033 Datasheet HTML 12Page - Renesas Technology Corp UPC3033 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Data Sheet G17372EJ2V0DS
9
μ PC3033,3005
RECOMMENDED SOLDERING CONDITIONS
The
μPC3033,3005 should be soldered and mounted under the following recommended conditions.
For soldering methods and conditions other than those recommended below, contact an NEC Electronics sales
representative.
For technical information, see the following website.
Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
Through-hole devices
μPC3033H, μPC3005H: 4-pin plastic SIP (TO-126)
Process
Conditions
Recommend
Wave soldering
(only to leads)
Solder temperature: 260°C or below,
Flow time: 10 seconds or less.
WS60-00-1
Partial heating method
Pin temperature: 300°C or below,
Heat time: 3 seconds or less (Per each pin).
P300
μPC3033H-AZ, μPC3005H-AZ: 4-pin plastic SIP (TO-126) Note
Process
Conditions
Recommend
Wave soldering
(only to leads)
Solder temperature: 260°C or below,
Flow time: 10 seconds or less.
WS60-00-1
Partial heating method
Pin temperature: 350°C or below,
Heat time: 3 seconds or less (Per each pin).
P350
Note Pb-free (This product does not contain Pb in external electrode.)
Caution For through-hole device, the wave soldering process must be applied only to leads, and make sure
that the package body does not get jet soldered.
<R>
<R>
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com