Electronic Components Datasheet Search
  English  ▼

X  

1027697 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1027697
Description  SACC-DSI-MS-5CON-M16/0,5 PP - Device connector, rear mounting
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1027697 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1027697 Datasheet HTML 1Page - PHOENIX CONTACT 1027697 Datasheet HTML 2Page - PHOENIX CONTACT 1027697 Datasheet HTML 3Page - PHOENIX CONTACT 1027697 Datasheet HTML 4Page - PHOENIX CONTACT 1027697 Datasheet HTML 5Page - PHOENIX CONTACT 1027697 Datasheet HTML 6Page - PHOENIX CONTACT 1027697 Datasheet HTML 7Page - PHOENIX CONTACT 1027697 Datasheet HTML 8Page - PHOENIX CONTACT 1027697 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Device connector, rear mounting, Universal, 5-position, Flush-type male connector, straight,
M12-Push-Pull, coding: A , on free cable end, Rear mounting, M16 x 1.5, Individual wires, cable
length: 0.5 m, 0.34 mm2, TPE litz wire, Item is lead-free in accordance with RoHS II without
Exemption 6c (Pb <0.1%)
Your advantages
Established M12 standard for secure transmission of signals, data, and power
•
Easy and quick cabling of devices and systems in hard-to-reach areas
•
Manufacturer-independent M12 push-pull locking system for maximum availability
•
Reliable shield connection even under extreme mechanical strain
•
Commercial Data
Item number
1027697
Packing unit
1 pc
Minimum order quantity
1 pc
Sales Key
AB24
Product Key
ABQCCB
GTIN
4055626534022
Weight per Piece (including packing)
38 g
Weight per Piece (excluding packing)
28.2 g
Customs tariff number
85366990
Country of origin
DE
SACC-DSI-MS-5CON-M16/0,5 PP - Device connector,
rear mounting
1027697
https://www.phoenixcontact.com/us/products/1027697
Aug 22, 2023, 6:03 AM
Page 1 (12)


Similar Part No. - 1027697

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1027691 PHOENIX-1027691 Datasheet
379Kb / 10P
SACC-DSI-MSD-4CON-M16/0,5 PP - Device connector rear mounting
1027694 PHOENIX-1027694 Datasheet
557Kb / 12P
SACC-E-MS-5CON-M16/0,5 PP - Device connector front mounting
1027696 PHOENIX-1027696 Datasheet
66Kb / 3P
Flush-type connector - SACC-DSI-FSD-4CON-M16-L180 PP
More results

Similar Description - 1027697

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1419645 PHOENIX-1419645 Datasheet
543Kb / 14P
SACC-DSI-M12MS-5CON-M16/0,5 - Device connector, rear mounting
1419658 PHOENIX-1419658 Datasheet
1Mb / 14P
SACC-DSI-M12FS-5CON-M16/0,5 - Device connector, rear mounting
1419739 PHOENIX-1419739 Datasheet
467Kb / 12P
SACC-DSI-M12FS-17CON-M16/0,5 - Device connector, rear mounting
1441778 PHOENIX-1441778 Datasheet
1Mb / 11P
SACC-DSI-M12FS-5CON-M16 - Device connector, rear mounting
1424136 PHOENIX-1424136 Datasheet
349Kb / 9P
SACC-DSI-M12MST-4CON-M16/0,5 - Device connector, rear mounting
1441891 PHOENIX-1441891 Datasheet
1Mb / 12P
SACC-DSI-M12FS-5CON-M16 SH - Device connector, rear mounting
1424317 PHOENIX-1424317 Datasheet
1Mb / 14P
SACC-DSI-M12FS-5CON-M16/0,75 - Device connector, rear mounting
1441765 PHOENIX-1441765 Datasheet
517Kb / 11P
SACC-DSI-M12MS-5CON-M16 - Device connector, rear mounting
1542703 PHOENIX-1542703 Datasheet
1Mb / 14P
SACC-DSI-MS-5CON-PG 9/0,5 SCO - Device connector, rear mounting
1027694 PHOENIX-1027694 Datasheet
557Kb / 12P
SACC-E-MS-5CON-M16/0,5 PP - Device connector front mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com