Electronic Components Datasheet Search
  English  ▼

X  

1027697 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1027697
Description  SACC-DSI-MS-5CON-M16/0,5 PP - Device connector, rear mounting
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1027697 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1027697 Datasheet HTML 1Page - PHOENIX CONTACT 1027697 Datasheet HTML 2Page - PHOENIX CONTACT 1027697 Datasheet HTML 3Page - PHOENIX CONTACT 1027697 Datasheet HTML 4Page - PHOENIX CONTACT 1027697 Datasheet HTML 5Page - PHOENIX CONTACT 1027697 Datasheet HTML 6Page - PHOENIX CONTACT 1027697 Datasheet HTML 7Page - PHOENIX CONTACT 1027697 Datasheet HTML 8Page - PHOENIX CONTACT 1027697 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Technical Data
Notes
General
The electrical and mechanical data specified assume that the
connector pair is correctly locked and mounted. If the connector
is unlocked and if there is a danger of contamination, the
connector must be sealed using a protective cap > IP54.
Influences arising from litz wires, cables or PCB assembly must
also be taken into consideration.
General
Lock nut is included in the scope of delivery
Safety note
WARNING: The connectors may not be plugged in or
disconnected under load. Ignoring the warning or improper use
may damage persons and/or property.
• WARNING: Commission properly functioning products only.
The products must be regularly inspected for damage.
Decommission defective products immediately. Replace
damaged products. Repairs are not possible.
• WARNING: Only electrically qualified personnel may install and
operate the product. They must observe the following safety
notes. The qualified personnel must be familiar with the basics of
electrical engineering. They must be able to recognize and
prevent danger. The relevant symbol on the packaging indicates
that only personnel familiar with electrical engineering are
allowed to install and operate the product.
• The products are suitable for applications in plant, controller,
and electrical device engineering.
• When operating the connectors in outdoor applications, they
must be separately protected against environmental influences.
• Assembled products may not be manipulated or improperly
opened.
• Only use mating connectors that are specified in the technical
data of the standards listed (e.g. the ones listed in the product
accessories online at phoenixcontact.com/products).
• When using the product in direct connection with third-party
manufacturers, the user is responsible.
• For operating voltages > 50 V AC, conductive connector
housings must be grounded
• Ensure that the protective or functional ground has been
properly connected.
• VDE 0100/1.97 § 411.1.3.2 and DIN EN 60 204/11.98 § 14.1.3
are applicable when combining several circuits in a cable and/or
connector
• Only use tools recommended by Phoenix Contact
• The installation notes/Design In documents online on the
download page at phoenixcontact.com/products must be
observed for this product.
• Operate the connector only when it is fully plugged in and
interlocked.
• Ensure that when laying the cable, the tensile load on the
Safety note
SACC-DSI-MS-5CON-M16/0,5 PP - Device connector,
rear mounting
1027697
https://www.phoenixcontact.com/us/products/1027697
Aug 22, 2023, 6:03 AM
Page 2 (12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com