Electronic Components Datasheet Search
  English  ▼

X  

74ALVT16823 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74ALVT16823
Description  18-bit bus-interface D-type flip-flop with reset and enable; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16823 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74ALVT16823 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT16823 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Nexperia
74ALVT16823
18-bit bus-interface D-type flip-flop with reset and enable; 3-state
5. Pinning information
5.1. Pinning
74ALVT16823
1MR
1CP
1OE
1CE
1Q0
1D0
GND
GND
1Q1
1D1
1Q2
1D2
VCC
VCC
1Q3
1D3
1Q4
1D4
1Q5
1D5
GND
GND
1Q6
1D6
1Q7
1D7
1Q8
1D8
2Q0
2D0
2Q1
2D1
2Q2
2D2
GND
GND
2Q3
2D3
2Q4
2D4
2Q5
2D5
VCC
VCC
2Q6
2D6
2Q7
2D7
GND
GND
2Q8
2D8
2OE
2CE
2MR
2CP
001aad403
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
Fig. 4. Pin configuration SOT364-1 (TSSOP56)
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
1D0, 1D1, 1D2, 1D3, 1D4, 1D5, 1D6, 1D7, 1D8 54, 52, 51, 49, 48, 47, 45, 44, 43 data inputs
1Q0, 1Q1, 1Q2, 1Q3, 1Q4, 1Q5, 1Q6, 1Q7, 1Q8 3, 5, 6, 8, 9, 10, 12, 13, 14
data outputs
2D0, 2D1, 2D2, 2D3, 2D4, 2D5, 2D6, 2D7, 2D8 42, 41, 40, 38, 37, 36, 34, 33, 31 data inputs
2Q0, 2Q1, 2Q2, 2Q3, 2Q4, 2Q5, 2Q6, 2Q7, 2Q8 15, 16, 17, 19, 20, 21, 23, 24, 26 data outputs
1MR, 2MR
1, 28
master reset input (active-LOW)
1OE, 2OE
2, 27
output enable inputs (active LOW)
1CP, 2CP
56, 29
clock pulse inputs (active rising edge)
1CE, 2CE
55, 30
clock enable input (active-LOW)
GND
4, 11, 18, 25, 32, 39, 46, 53
ground (0 V)
VCC
7, 22, 35, 50
supply voltage
74ALVT16823
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 6 — 20 October 2020
4 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com