Electronic Components Datasheet Search
  English  ▼

X  

74ALVT16827 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74ALVT16827
Description  20-bit buffer/line driver; non-inverting; 3-state
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16827 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74ALVT16827 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVT16827 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVT16827 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVT16827 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT16827 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT16827 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT16827 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVT16827 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74ALVT16827 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Nexperia
74ALVT16827
20-bit buffer/line driver; non-inverting; 3-state
74ALVT16827
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 24 January 2018
7 / 14
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
IBHHO
bus hold HIGH
overdrive current
data inputs; VCC = 3.6 V; VI = 0 V to 3.6 V
[6]
-500
-
-
μA
IEX
external current
output in HIGH-state when VO > VCC;
VO = 5.5 V; VCC = 3.0 V
-
10
125
μA
IO(pu/pd) power-up/power-down
output current
VCC ≤ 1.2 V; VO = 0.5 V to VCC;
VI = GND or VCC; nOEn = don’t care
[7]
-
1
±100
μA
VCC = 3.6 V; VI = VIL or VIH
output HIGH; VO = 3.0 V
-
0.5
5
μA
IOZ
OFF-state output
current
output LOW; VO = 0.5 V
-
0.5
-5
μA
VCC = 3.6 V; VI = GND or VCC; IO = 0 A
outputs HIGH
-
0.07
0.1
mA
outputs LOW
-
4.2
6
mA
ICC
supply current
outputs disabled
[4]
-
0.07
0.1
mA
ΔICC
additional supply
current
per input pin; VCC = 3 V to 3.6 V;
one input at VCC - 0.6 V;
other inputs at VCC or GND
[5]
-
0.04
0.4
mA
CI
input capacitance
VI = 0 V or VCC
-
3
-
pF
CO
output capacitance
VO = 0 V or VCC
-
9
-
pF
[1] All typical values for VCC = 2.5 V ± 0.2 V are measured at VCC = 2.5 V and Tamb = 25 °C.
All typical values for VCC = 3.3 V ± 0.3 V are measured at VCC = 3.3 V and Tamb = 25 °C.
[2] Unused pins at VCC or GND.
[3] This parameter is valid for any VCC between 0 V and 1.2 V with a transition time of up to 10 ms.
From VCC = 1.2 V to VCC = 2.5 V ± 0.2 V a transition time of 100 μs is permitted. This parameter is valid for Tamb = 25 °C only.
[4] ICC with outputs disabled is measured with outputs pulled up to VCC or pulled down to ground.
[5] This is the increase in supply current for each input at the specified voltage level other than VCC or GND.
[6] This is the bus hold overdrive current required to force the input to the opposite logic state.
[7] This parameter is valid for any VCC between 0 V and 1.2 V with a transition time of up to 10 ms.
From VCC = 1.2 V to VCC = 3.3 V ± 0.3 V a transition time of 100 μs is permitted. This parameter is valid for Tamb = 25 °C only.
10 Dynamic characteristics
Table 7. Dynamic characteristics
At recommended operating conditions; Tamb = -40 °C to +85 °C; Voltages are referenced to GND (ground = 0 V); for test
circuit see Figure 7.
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
VCC = 2.5 V ± 0.2 V
tPLH
LOW to HIGH propagation delay
nAn to nYn; see Figure 5
1.0
2.0
2.9
ns
tPHL
HIGH to LOW propagation delay
nAn to nYn; see Figure 5
1.0
2.0
3.0
ns
tPZH
OFF-state to HIGH propagation delay
nOEn to nYn; see Figure 6
2.0
3.2
5.5
ns
tPZL
OFF-state to LOW propagation delay
nOEn to nYn; see Figure 6
1.7
2.9
4.3
ns
tPHZ
HIGH to OFF-state propagation delay
nOEn to nYn; see Figure 6
1.8
2.8
5.1
ns
tPLZ
LOW to OFF-state propagation delay
nOEn to nYn; see Figure 6
1.4
2.3
3.9
ns
VCC = 3.3 V ± 0.3 V
tPLH
LOW to HIGH propagation delay
nAn to nYn; see Figure 5
0.7
1.5
2.2
ns
tPHL
HIGH to LOW propagation delay
nAn to nYn; see Figure 5
0.8
1.6
2.3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com