Electronic Components Datasheet Search
  English  ▼

X  

74ALVT16827 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74ALVT16827
Description  20-bit buffer/line driver; non-inverting; 3-state
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT16827 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74ALVT16827 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVT16827 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVT16827 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVT16827 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVT16827 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVT16827 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT16827 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT16827 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT16827 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
74ALVT16827
20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 — 24 January 2018
Product data sheet
1 General description
The 74ALVT16827 high-performance BiCMOS device combines low static and dynamic
power dissipation with high speed and high output drive. It is designed for VCC operation
at 2.5 V or 3.3 V with I/O compatibility to 5 V.
The 74ALVT16827 20-bit buffers provide high performance bus interface buffering for
wide data/address paths or buses carrying parity. They have NOR Output Enables
(nOE0 and nOE1) for maximum control flexibility.
2 Features and benefits
• Multiple VCC and GND pins minimize switching noise
• 5 V I/O compatible
• Live insertion and extraction permitted
• 3-state output buffers
• Power-up 3-state
• Output capability: +64 mA and -32 mA
• Latch-up protection:
– JESD 78 exceeds 500 mA
• ESD protection:
– MIL STD 883 Method 3015: exceeds 2000 V
– MM: exceeds 200 V
• Bus hold data inputs eliminate need for external pull-up resistors to hold unused inputs.
3 Ordering information
Table 1. Ordering information
Package
Type number
Temperature
range
Name
Description
Version
74ALVT16827DGG
-40 °C to +85 °C TSSOP56 plastic thin shrink small outline package; 56 leads;
body width 6.1 mm
SOT364-1


Similar Part No. - 74ALVT16827

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16827 PHILIPS-74ALVT16827 Datasheet
82Kb / 10P
2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
74ALVT16827DGG PHILIPS-74ALVT16827DGG Datasheet
82Kb / 10P
2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
74ALVT16827DL PHILIPS-74ALVT16827DL Datasheet
82Kb / 10P
2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
74ALVT16827 PHILIPS-74ALVT16827_15 Datasheet
102Kb / 16P
20-bit buffer/line driver; non-inverting; 3-state
Rev. 03-2 June 2005
More results

Similar Description - 74ALVT16827

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16825A PHILIPS-74ABT16825A Datasheet
75Kb / 10P
18-bit buffer/line driver; non-inverting 3-State
1998 Feb 25
74ABT16827A PHILIPS-74ABT16827A Datasheet
73Kb / 10P
20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ABT827 PHILIPS-74ABT827 Datasheet
97Kb / 11P
10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
74ALVCH16827 PHILIPS-74ALVCH16827 Datasheet
72Kb / 10P
20-bit buffer/line driver, non-inverting 3-State
1998 Jul 27
74ALVT16827 PHILIPS-74ALVT16827 Datasheet
82Kb / 10P
2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
74F827 PHILIPS-74F827 Datasheet
97Kb / 12P
10-bit buffer/line driver, non-inverting 3-State
1994 Dec 5
74ABT827 NXP-74ABT827 Datasheet
93Kb / 14P
10-bit buffer/line driver; non-inverting; 3-state
Rev. 03-24 February 2010
74F827 NXP-74F827 Datasheet
88Kb / 13P
10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
74ALVT16827 PHILIPS-74ALVT16827_15 Datasheet
102Kb / 16P
20-bit buffer/line driver; non-inverting; 3-state
Rev. 03-2 June 2005
logo
Nexperia B.V. All right...
74ALVCH16827 NEXPERIA-74ALVCH16827 Datasheet
189Kb / 13P
20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com