Electronic Components Datasheet Search
  English  ▼

X  

27210 Datasheet(PDF) 21 Page - Texas Instruments

Part # 27210
Description  Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

27210 Datasheet(HTML) 21 Page - Texas Instruments

Back Button 27210 Datasheet HTML 17Page - Texas Instruments 27210 Datasheet HTML 18Page - Texas Instruments 27210 Datasheet HTML 19Page - Texas Instruments 27210 Datasheet HTML 20Page - Texas Instruments 27210 Datasheet HTML 21Page - Texas Instruments 27210 Datasheet HTML 22Page - Texas Instruments 27210 Datasheet HTML 23Page - Texas Instruments 27210 Datasheet HTML 24Page - Texas Instruments 27210 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
www.ti.com
Gain Age Factor and EDV1 Discharge Rate Compensation (GAF/DEDV) – Address 0x7D
Discharge Rate Compensation Coefficients (DCOMP) – Address 0x7E
bq27010, bq27210
SLUS707B – APRIL 2006 – REVISED JANUARY 2007
DCFIX
Fixed discharge compensation. Normal discharge rate compensation (DCOMP register) is used if
this bit is set to 0. If this bit is set to 1, the device assumes a fixed value of 0x6C for DCOMP,
giving a discharge rate compensation gain (DCGN) of 5.08% with a compensation offset threshold
of C/2. Setting the bit to 1 frees the EEPROM location of 0x7E for use as a programmable
identification byte.
TCFIX
Fixed temperature compensation. Normal temperature compensation (TCOMP register) is used if
this bit is set to 0. If this bit is set to 1, the device assumes a fixed value of 0x46 for TCOMP, which
will increase DCGN by 25% per
°C below 12°C. Setting this bit to 1 frees the EEPROM location of
0x7F for use as a programmable identification byte.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
NAME
GAF[1]
GAF[0]
DEDV[5]
DEDV[4]
DEDV[3]
DEDV[2]
DEDV[1]
DEDV[0]
The two most significant bits in address 0x7d set the gain age factor (GAF). This factor adjusts the discharge
rate compensation with age. The GAF will cause a linear increase in the discharge rate and temperature
compensation with cycle count. GAF = 3 will cause DCGN to increase by same amount as a drop in temperature
of 16
°C below the Toff threshold programmed in TCOMP when CYCT = 85. Lower values of GAF will require
proportionally more cycle counts to reach the same level of compensation reduction. The equation for the aged
discharge compensation gain (ADCGN) is:
ADCGN = DCGN * (1 + TCGN * (CYCT/16) * GAF/32)
TCGN is the temperature compensation gain programmed in TCOMP. See the section on DCOMP for the
complete discharge rate compensation equation. There will be no gain aging of the discharge compensation if
GAF = 0. The recommended value for GAF if battery aging data is not available is GAF = 1.
The six least significant bits in address 0x7d set the EDV1 discharge rate compensation (DEDV) gain. The
EDV1 threshold is impedance-based and will be reduced from the no-load EDV1 threshold programmed in
SEDV1 as a function of load current. The EDV1 threshold is reduced linearly with AI at a rate of 8 mV per C-rate
for each DEDV count. The DEDV rate compensation is also increased at cold temperature as described in the
section on ISLC / EDVT. The actual EDV1 threshold used will be the greater of CEDV or EDVF + 32mV. The
equation for the EDV1 threshold compensation is:
CEDV = EDV1 – 8 mV * DEDV * AI / DC * [1 + EDVT * (Toff– T) / 128] , where T < Toff
CEDV = EDV1 – 8 mV * DEDV * AI / DC, where T
≥ T
off
This register is used to set the basic discharge compensation coefficients. The basic discharge gain coefficient,
DCGN, is increased at cold temperature and with age (cycle count) to achieve a combined impedance-based
discharge rate, temperature, and age compensation of available capacity. This compensation determines the
reduction in CAC from NAC and the reduction in FCAC from LMD.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
NAME
DCGN[4]
DCGN[3]
DCGN[2]
DCGN[1]
DCGN[0]
DCOFF[2]
DCOFF[1]
DCOFF[0]
DCGN[4:0]
The discharge rate compensation gain coefficient sets the slope of the capacity compensation with
discharge current. The slope can be set in increments of 0.39% (DCGN / 256).
DCOFF[2:0] The discharge compensation offset coefficient sets the capacity offset threshold. There is no
capacity compensation reduction if the compensation falls below this threshold. Table 3 lists shows
the discharge compensation threshold is set in multiples of C/8. (A 1C-rate current is the current
that equals the design capacity, or AI = ILMD * 256.)
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com