Electronic Components Datasheet Search
  English  ▼

X  

27210 Datasheet(PDF) 25 Page - Texas Instruments

Part # 27210
Description  Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

27210 Datasheet(HTML) 25 Page - Texas Instruments

Back Button 27210 Datasheet HTML 21Page - Texas Instruments 27210 Datasheet HTML 22Page - Texas Instruments 27210 Datasheet HTML 23Page - Texas Instruments 27210 Datasheet HTML 24Page - Texas Instruments 27210 Datasheet HTML 25Page - Texas Instruments 27210 Datasheet HTML 26Page - Texas Instruments 27210 Datasheet HTML 27Page - Texas Instruments 27210 Datasheet HTML 28Page - Texas Instruments 27210 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
www.ti.com
UDG−04099
21−V pulse applied to
PROG pin for 50 ms
Host enables E2PROM
programming mode. Write data
0xDD to address 0x6E
Host writes data in addresses
0x76 − 0x7F
Host reads data
address 0x76
Write data 0x00 to
address 0x6E
Programmed
0x7F?
Host increments
address and reads
No
Yes
Communicating With the bq27010 (HDQ interface)
bq27010, bq27210
SLUS707B – APRIL 2006 – REVISED JANUARY 2007
Figure 6. EEPROM Programming Flow
It is not required that addresses 0x76 — 0x7F be programmed at the same time or in any particular order. The
programming method illustrated in Figure 6 can be used to program any of the bytes as long as the sequence of
Enable, Write, Read, Apply Programming Pulse, and Disable is followed.
The bqJUNIOR must have a full reset to force the updated EEPROM values into RAM. A full reset will occur
after a POR if RAM data is corrupted (failed checksum), or a full-reset command may be sent using the CTRL
and MODE registers.
The bq27010 includes a single-wire HDQ serial data interface. Host processors, configured for either polled or
interrupt processing, can use the interface to access various bq27010 registers. The HDQ pin is an open-drain
device, which requires an external pullup resistor. The interface uses a command-based protocol, where the
host processor sends a command byte to the bq27010. The command directs the bq27010 either to store the
next eight bits of data received to a register specified by the command byte or to output the eight bits of data
from a register specified by the command byte.
25
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com