Electronic Components Datasheet Search
  English  ▼

X  

UPC4081C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC4081C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4081C Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC4081C Datasheet HTML 1Page - Renesas Technology Corp UPC4081C Datasheet HTML 2Page - Renesas Technology Corp UPC4081C Datasheet HTML 3Page - Renesas Technology Corp UPC4081C Datasheet HTML 4Page - Renesas Technology Corp UPC4081C Datasheet HTML 5Page - Renesas Technology Corp UPC4081C Datasheet HTML 6Page - Renesas Technology Corp UPC4081C Datasheet HTML 7Page - Renesas Technology Corp UPC4081C Datasheet HTML 8Page - Renesas Technology Corp UPC4081C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
©
1987
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC4081
J-FET INPUT OPERATIONAL AMPLIFIER
DATA SHEET
Document No. G15343EJ3V0DS00 (3rd edition)
(Previous No. IC-1974)
Date Published February 2001 NS CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The mark 5 shows major revised points.
DESCRIPTION
The
µPC4081 is a single operational amplifier incorporating well matched ion implant P-channel J-FET on the same chip
with standard bipolar transistors. The key features of this op amp is very low input bias current and high slew rate ten
times faster than conventional general purpose op amps. By these features
µPC4081 is excellent choice for wide variety
of applications including integrator, active filter, pulse amp etc.
FEATURES
• Low noise: en = 25 nV/ Hz (TYP.)
• Very low input bias and offset currents
• Output short circuit protection
• High input impedance...J-FET Input stage
• Internal frequency compensation
• High slew rate...13 V/
µs (TYP.)
ORDERING INFORMATION
Part Number
Package
µPC4081C
8-pin plastic DIP (7.62 mm (300))
µPC4081G2
8-pin plastic SOP (5.72 mm (225))
EQUIVALENT CIRCUIT
PIN CONFIGURATION (Top View)
PC4081C, 4081G2
1
2
3
4
8
7
6
5
NC
V+
OUT
OFFSET
NULL
+
_
OFFSET
NULL
II
IN
V
µ
_
Remark NC : No Connection
R1
R8
R9
R6
D1
R7
R10
R11
D2
Q15
R4
R2
R5
R3
II
IN
(2)
Q1
Q2
Q8
Q16
Q9
Q10
Q12
Q13
Q5
Q14
Q3
Q4
Q11
Q6
Q7
C1
OFFSET
NULL
OFFSET
NULL
OUT
V
–
V
+
(3)
(1)
(5)
(6)
(4)
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com