Electronic Components Datasheet Search
  English  ▼

X  

UPC4081C Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC4081C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4081C Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPC4081C Datasheet HTML 2Page - Renesas Technology Corp UPC4081C Datasheet HTML 3Page - Renesas Technology Corp UPC4081C Datasheet HTML 4Page - Renesas Technology Corp UPC4081C Datasheet HTML 5Page - Renesas Technology Corp UPC4081C Datasheet HTML 6Page - Renesas Technology Corp UPC4081C Datasheet HTML 7Page - Renesas Technology Corp UPC4081C Datasheet HTML 8Page - Renesas Technology Corp UPC4081C Datasheet HTML 9Page - Renesas Technology Corp UPC4081C Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Data Sheet G15343EJ3V0DS
4
µµµµPC4081
TYPICAL PERFORMANCE CHARACTERISTICS (TA = 25°C, TYP.)
20
600
500
400
300
200
100
0
TA - Operating Ambient Temperature - ˚C
INPUT OFFSET VOLTAGE
INPUT BIAS CURRENT
TA - Operating Ambient Temperature - ˚C
40
60
80
100
PC4081G2
PC4081C
TA - Operating Ambient Temperature - ˚C
f - Frequency - Hz
V - Supply Voltage - V
LARGE SIGNAL FREQUENCY RESPONSE
OUTPUT VOLTAGE SWING
f - Frequency - Hz
POWER DISSIPATION
OPEN LOOP FREQUENCY RESPONSE
µ
µ
200˚C/W
227˚C/W
120
100
80
60
40
20
0
1
100
10 k
1 M
1 k
10
100 k
10 M
V =
±15 V
RL = 2 k
Ω
10
8
6
4
2
0
-
2
-
4
-
6
-
8
-
10
-
40
-
20
0
20406080
V
=
±15 V
The characteristic of the optional sample.
(Quantity:five)
100
10
1.0
0.1
0.01
-
20
0
20406080
V =
±15 V
30
20
10
0
100
1 k
10 k
100 k
1 M
10 M
RL = 10 k
Ω
V =
±15 V
V =
±10 V
V =
±5 V
40
30
20
10
0
±10
±20
RL = 10 k
Ω
±
±
±
±
±
±
±



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com