Electronic Components Datasheet Search
  English  ▼

X  

UPC4574C Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC4574C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4574C Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPC4574C Datasheet HTML 2Page - Renesas Technology Corp UPC4574C Datasheet HTML 3Page - Renesas Technology Corp UPC4574C Datasheet HTML 4Page - Renesas Technology Corp UPC4574C Datasheet HTML 5Page - Renesas Technology Corp UPC4574C Datasheet HTML 6Page - Renesas Technology Corp UPC4574C Datasheet HTML 7Page - Renesas Technology Corp UPC4574C Datasheet HTML 8Page - Renesas Technology Corp UPC4574C Datasheet HTML 9Page - Renesas Technology Corp UPC4574C Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Data Sheet G15977EJ4V0DS
4
µPC4574
µPC4574C(5), µPC4574G2(5)
ELECTRICAL CHARACTERISTICS (TA = 25°C, V± =
±15V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input Offset Voltage
VIO
RS
≤ 50 Ω
±0.3
±1
mV
Input Offset Current
Note 7
IIO
±10
±60
nA
Input Bias Current
Note 7
IB
500
650
nA
Large Signal Voltage Gain
AV
RL
≥ 2 kΩ , VO = ±10 V
50000
300000
Supply Current
Note 8
ICC
IO = 0 A
8.5
11
mA
Common Mode Rejection Ratio
CMR
85
100
dB
Supply Voltage Rejection Ratio
SVR
85
100
dB
RL
≥ 10 kΩ
±13
±13.4
Output Voltage Swing
Vom
RL
≥ 2 kΩ
±11.5
+12.8
−12.4
V
Common Mode Input Voltage Range
VICM
±13
±14
V
Slew Rate
SR
RL
≥ 2 kΩ
4
6
V/
µs
Gain Band Width Product
GBW
fO = 100 kHz
10
14
MHz
Unity Gain Frequency
funity
open loop
7
MHz
Phase Margin
φunity
open loop
50
degree
Total Harmonic Distortion
THD
VO = 3 Vr.m.s., f = 20 Hz to 20 kHz (Fig.1)
0.002
%
RIAA (Fig.2)
1.2
Input Equivalent Noise Voltage
Vn
FLAT+JIS A, RS = 100
Ω (Fig.3)
0.53
0.65
µVr.m.s.
fO = 10 Hz, RS = 100
Ω
5.5
Input Equivalent Noise Voltage Density
en
fO = 1 kHz, RS = 100
Ω
5.0
nV/ Hz
Input Equivalent Noise Current Density
in
fO = 1 kHz
0.7
pA/ Hz
Channel Separation
f = 20 Hz to 20 kHz
120
dB
Notes 7. Input bias currents flow out from IC. Because each currents are base current of PNP-transistor on input stage.
8. This current flows irrespective of the existence of use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com