Electronic Components Datasheet Search
  English  ▼

X  

UPC4574C Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPC4574C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4574C Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPC4574C Datasheet HTML 3Page - Renesas Technology Corp UPC4574C Datasheet HTML 4Page - Renesas Technology Corp UPC4574C Datasheet HTML 5Page - Renesas Technology Corp UPC4574C Datasheet HTML 6Page - Renesas Technology Corp UPC4574C Datasheet HTML 7Page - Renesas Technology Corp UPC4574C Datasheet HTML 8Page - Renesas Technology Corp UPC4574C Datasheet HTML 9Page - Renesas Technology Corp UPC4574C Datasheet HTML 10Page - Renesas Technology Corp UPC4574C Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet G15977EJ4V0DS
5
µPC4574
MEASUREMENT CIRCUIT
Fig.2 Noise Measurement Circuit (RIAA)
Fig.1 Total Harmonic Distortion Measurement Circuit
+
−
+
−
VO = 3 Vr.m.s.
VO = (36.5 dB+40 dB) x Vn
Vn =
VO
76.5 dB
610
Ω 47 F
µ
2.2 k
Ω
30 k
Ω
2400 pF 8200 pF
40 dB Amp.
330 k
Ω
56 k
Ω
+
+
33 F
µ
2 k
Ω
+
1.5 F
µ
100 k
Ω
Fig.3 Flat Noise Measurement Circuit (FLAT+JIS A)
+
−
VO = 40 dB x Vn
100
Ω
10 k
Ω
RS = 100
Ω
(fO = 30 kHz)
LPF
JIS A
Vn =
VO
40 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com