Electronic Components Datasheet Search
  English  ▼

X  

OMR9601SC Datasheet(PDF) 3 Page - International Rectifier

Part # OMR9601SC
Description  Ultra Low Dropout Linear Regulator 3.3Vin to 2.5Vout at 3.0A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OMR9601SC Datasheet(HTML) 3 Page - International Rectifier

  OMR9601SC Datasheet HTML 1Page - International Rectifier OMR9601SC Datasheet HTML 2Page - International Rectifier OMR9601SC Datasheet HTML 3Page - International Rectifier OMR9601SC Datasheet HTML 4Page - International Rectifier OMR9601SC Datasheet HTML 5Page - International Rectifier OMR9601SC Datasheet HTML 6Page - International Rectifier OMR9601SC Datasheet HTML 7Page - International Rectifier OMR9601SC Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.irf.com
3
OMR9601SC
Notes for Electrical Characteristic Tables
 V
Shutdown ramp from 0.8V to 4.8V, output monitored for a 100mV drop below the nominal specification for Vout
Pre-Radiation Characteristics
OMR9601 Ripple Rejection vs. Frequency
0
20
40
60
80
100
120
100
1,000
10,000
100,000
1,000,000
Frequency (Hz)
3A
1.5A
.75A
.50A
Fig 1. Ripple Rejection Vs Frequency
Electrical Characteristics @Ta = 25°C (Unless Otherwise Specified)
Post-Radiation
Parameter
Test Conditions
Symbol
Min.
Typ.
Max. Units
Vin = 3.3V, IO = 1.5A
2.375
-
2.625
Vin = 3.135V, IO = 50mA
2.375
-
2.625
Vin = 3.135V, IO = 3.0A
2.375
-
2.625
Vin = 3.465V, IO = 50mA
2.375
-
2.625
Vin = 3.465V, IO = 3.0A
2.375
-
2.625
Current Limit
Vin = 3.3V
Imax
3.0
-
-A
Ripple Rejection
F = 120Hz, Iout = 50mA
40
-
-
dB
Output Voltage at Shutdown
Vin = 3.3V, IO = 50mA, Vshdn = +5.0V
Vout (shdn)
-0.1
-
+0.1
V
V
Vout
Output Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com