Electronic Components Datasheet Search
  English  ▼

X  

OMR9601SC Datasheet(PDF) 7 Page - International Rectifier

Part # OMR9601SC
Description  Ultra Low Dropout Linear Regulator 3.3Vin to 2.5Vout at 3.0A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OMR9601SC Datasheet(HTML) 7 Page - International Rectifier

  OMR9601SC Datasheet HTML 1Page - International Rectifier OMR9601SC Datasheet HTML 2Page - International Rectifier OMR9601SC Datasheet HTML 3Page - International Rectifier OMR9601SC Datasheet HTML 4Page - International Rectifier OMR9601SC Datasheet HTML 5Page - International Rectifier OMR9601SC Datasheet HTML 6Page - International Rectifier OMR9601SC Datasheet HTML 7Page - International Rectifier OMR9601SC Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.irf.com
7
OMR9601SC
MIL-PRF-38534 Screening Requirements
Shutdown
Vin
Vout
G round
Drive
Gnd
TEST/INSPECTION
SCREENING LEVEL
MIL-STD-883
CLASS K
METHOD
(Space Level)
Pre Seal Burn-In
Optional
1030
Nondestructive Bond Pull
100%
2023
Internal Visual
100%
2017
Temperature Cycle
100%
1010
Constant Acceleration
100%
2001
Mechanical Shock
100%
2002
PIND
100%
2020
Pre Burn-In-Electrical
100%
Burn-In
100%
1015
Final Electrical
100%
Seal
100%
1014
Radiographic
100%
2012
External Visual
100%
2009
Note:
International Rectifier does not currently have a DSCC certified Radiation Hardness Assurance Program
Fig 7. Simplified Schematic Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com