Electronic Components Datasheet Search
  English  ▼

X  

UPB587B Datasheet(PDF) 2 Page - NEC

Part # UPB587B
Description  1.0 GHz DIVIDE- BY- 2/4/8 PRESCALER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB587B Datasheet(HTML) 2 Page - NEC

  UPB587B Datasheet HTML 1Page - NEC UPB587B Datasheet HTML 2Page - NEC UPB587B Datasheet HTML 3Page - NEC UPB587B Datasheet HTML 4Page - NEC UPB587B Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC1, VCC2 Supply Voltage
V
-0.5 to 4.0
VIN, VM
Input Voltage,
Ratio Control Voltage
V
-0.5 to VCC + 0.5
PIN
Input Power
dBm
+10
PT
Power Dissipation
UPB587B
W
1.5 (TA = +125
°C)
UPB587G
mW
250 (TA = +85
°C)
TOP
Operating Temperature
UPB587B
°C
-55 to +125
UPB587G
°C
-40 to +85
TSTG
Storage Temperature
UPB587B
°C
-65 to +200
UPB587G
°C
-65 to +150
UPB587B, UPB587G
FREQUENCY RESPONSE
(DIVIDE-BY-2 @ TA = 25
°C)
Frequency, f (GHz)
Frequency, f (GHz)
FREQUENCY RESPONSE
(DIVIDE-BY-2 @ VCC = 2.2 V)
SYMBOL
PARAMETER
UNITS
RATINGS
VCC1, VCC2
Supply Voltage
V
2.2 to 3.5
TOP
Operating Temperature
°C
-20 to +75
RECOMMENDED
OPERATING CONDITIONS
Note: Because of the high internal gain and gain compression of the
UPB587, this device is prone to self-oscillation in the absence of an RF
input signal. If the device will be used in an application where DC power
will be applied in the absence of an RF input signal, this self-oscillation
can be suppressed by any of the following means:
* Add a shunt resistor from the RF input line to ground. The
blocking capacitor should be between the resistor and the
UPB587, but physical separation should be minimized. Typically a
resistor value between 50 and 100 ohms will suppress the self-
oscillation.
* Apply a DC offset voltage of +2.0 volts to the INPUT pin. The
voltage source should be isolated from the INPUT pin by a series
1000 ohm resistor.
* Apply a DC offset voltage of +1.0 volts to the BYPASS pin. The
voltage source should be isolated from the BYPASS pin by a
series 1000 ohm resistor.
All these approaches reduce the input sensitivity of the UPB587 (by as
much as 3 dB for the example of a 50 ohm shunt resistor), but otherwise
have no affect on the reliability or other electrical characteristics of this
device.
Frequency, f (GHz)
FREQUENCY RESPONSE
(DIVIDE-BY-4 @ TA = 25
°C)
Frequency, f (GHz)
FREQUENCY RESPONSE
(DIVIDE-BY-4 @ VCC = 2.2 V)
Guaranteed
Operating
Window
*
TYPICAL PERFORMANCE CURVES
(TA = 25
°C unless otherwise noted)
Note:
1. Operation in excess of any one of these parameters may result in
permanent damage.
VCC = 2.2 V
3.0 V
3.5 V
+10
0
-10
-20
-30
-40
-50
-60
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
G*
O
W
10
0
-10
-20
-30
-40
-50
-60
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TA = +75˚C
+25˚C
-20˚C
G*
O
W
+10
0
-10
-20
-30
-40
-50
-60
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VCC = 2.2 V
3.0 V
3.5 V
G
*
O
W
TA = +75˚C
+25˚C
-20˚C
+10
0
-10
-20
-30
-40
-50
-60
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
G
*
O
W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com