Electronic Components Datasheet Search
  English  ▼

X  

UPB587B Datasheet(PDF) 3 Page - NEC

Part # UPB587B
Description  1.0 GHz DIVIDE- BY- 2/4/8 PRESCALER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB587B Datasheet(HTML) 3 Page - NEC

  UPB587B Datasheet HTML 1Page - NEC UPB587B Datasheet HTML 2Page - NEC UPB587B Datasheet HTML 3Page - NEC UPB587B Datasheet HTML 4Page - NEC UPB587B Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TYPICAL PERFORMANCE CURVES
UPB587B, UPB587G
FREQUENCY RESPONSE
(DIVIDE-BY-8 @ TA = 25
°C)
0
500
1000
1500
2.0
1.0
0
1
2
3
4
5
6
Input Frequency (MHz)
0
500
1000
1500
0
0.5
1.0
1/2
1/4
1/8
UPB587G
OUTPUT LEVEL vs.
FREQUENCY & DIVISION RATIO
1. Re = 680
Ω
2. Re = 910
Ω
3. Re = 1.3 K
Ω
4. Re = 2.2 K
Ω
5. Re = 3.3 K
Ω
6. Re = Open
Ro = Open
TA = 25
°C
PIN = -20 dBm
VCC1 = 3.0 V
VCC2 = 3.0 V
Division Ratio = 1/8
Ro = 200
Ω
UPB587G
OUTPUT LEVEL vs.
FREQUENCY AND Re
0
500
1000
1500
0
0.5
1.0
3.5V
3.0V
2.5V
2.0V
TA = 25
°C
PIN = -20 dBm
VCC1 = VCC2
Division Ratio = 1/8
Re = 3.3 K
Ω
Ro = 200
Ω
UPB587G
OUTPUT LEVEL vs.
FREQUENCY & SUPPLY VOLTAGE
Input Frequency (MHz)
Input Frequency (MHz)
TA = +75˚C
+25˚C
-20˚C
+10
0
-10
-20
-30
-40
-50
-60
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Guaranteed
Operating
Window
FREQUENCY RESPONSE
(DIVIDE-BY-8 @ VCC = 2.2 V)
+10
0
-10
-20
-30
-40
-50
-60
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VCC = 2.2 V
3.0 V
3.5 V
Guaranteed
Operating
Window
Frequency, f (GHz)
Frequency, f (GHz)
TA = 25
°C
PIN = -20 dBm
VCC1 = 3.0 V
VCC2 = 3.0 V
Re = 3.3 K
Ω
Ro = 200
Ω
10
100
1K
10K
100K
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
Divide by eight mode
SSB PHASE NOISE vs.
OFFSET FROM CARRIER
fIN - 1 GHz, TA = 25
°C
Offset from Carrier (Hz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com