Electronic Components Datasheet Search
  English  ▼

X  

CS5535 Datasheet(PDF) 251 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 251 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 247Page - National Semiconductor (TI) CS5535 Datasheet HTML 248Page - National Semiconductor (TI) CS5535 Datasheet HTML 249Page - National Semiconductor (TI) CS5535 Datasheet HTML 250Page - National Semiconductor (TI) CS5535 Datasheet HTML 251Page - National Semiconductor (TI) CS5535 Datasheet HTML 252Page - National Semiconductor (TI) CS5535 Datasheet HTML 253Page - National Semiconductor (TI) CS5535 Datasheet HTML 254Page - National Semiconductor (TI) CS5535 Datasheet HTML 255Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 555 page
background image
Revision 0.8
251
www.national.com
ATAC Register Descriptions (Continued)
5.4.1.4
GeodeLink Device Error MSR (ATAC_GLD_MSR_ERROR)
The flags are set by internal conditions. The internal conditions are enabled if the EN bit is 1. Reading the FLAG bit returns
the value; writing 1 clears the FLAG; writing 0 has no effect.
MSR Address
51300003h
Type
R/W
Reset Value
00000000_00000100h
ATAC_GLD_MSR_ERROR Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
RSVD
ATAC_GLD_MSR_ERROR Bit Descriptions
Bit
Name
Description
63:37
RSVD
Reserved. Write as read.
36
IDE_PIO_ERR_
FLAG
IDE PIO Error. If high, records that an ERR was generated due to a PIO access during
a DMA command. Write 1 to clear; writing 0 has no effect. IDE_PIO_ERR_EN (bit 4)
must be high to generate ERR and set flag.
If IDE_PIO_ERR_EN = 1 and IDE_PIO_ASMI_EN (MSR 51300002h[0]) = 0 and the
error occurs, this bit gets set, and the GLCP master error signal is asserted.
If both IDE_PIO_ERR_EN = 1 and IDE_PIO_ASMI_EN = 1 and the error occurs, this
bit gets set, the GLCP master error signal is asserted, and an SSMI is generated.
35
RESP_EXCEP_
ERR_FLAG
Response Exception Error Flag. If high, records that an ERR was generated and the
GLCP master error signal was asserted due to the EXCEP bit being set in the response
packet. Write 1 to clear; writing 0 has no effect. RESP_EXCEP_ERR_EN (bit 3) must
be high to enable these events.
34
SSMI_ERR_FLAG
SSMI Error Flag. If high, records that an ERR was generated due to an uncleared
SSMI. Write 1 to clear; writing 0 has no effect. SSMI_ERR_EN (bit 2) must be high to
generate ERR and set flag.
If SSMI_ERR_EN and IDE_PIO_SSMI_FLAG (MSR 51300002h[32]) = 1 and the error
occurs, this bit gets set, the GLCP master error signal is asserted, lb_slav_rdy is
asserted, and an SSMI is generated.
33
BLOCKIO_SSMI_
FLAG
SSMI on I/O write during DMA. If high, records that an I/O write during DMA had
occurred. Write 1 to clear; writing 0 has no effect. BLOCKIO_SSMI_EN (bit 1) and
BLOCKIO (bit 8) must be high to set flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com