Electronic Components Datasheet Search
  English  ▼

X  

CS5535 Datasheet(PDF) 380 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 380 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 376Page - National Semiconductor (TI) CS5535 Datasheet HTML 377Page - National Semiconductor (TI) CS5535 Datasheet HTML 378Page - National Semiconductor (TI) CS5535 Datasheet HTML 379Page - National Semiconductor (TI) CS5535 Datasheet HTML 380Page - National Semiconductor (TI) CS5535 Datasheet HTML 381Page - National Semiconductor (TI) CS5535 Datasheet HTML 382Page - National Semiconductor (TI) CS5535 Datasheet HTML 383Page - National Semiconductor (TI) CS5535 Datasheet HTML 384Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 555 page
background image
www.national.com
380
Revision 0.8
UART/IR Controller Register Descriptions (Continued)
5.12.3.8
Scratchpad/Auxiliary Status and Control Registers
The Scratchpad Register (SPR) and Auxiliary Status and Control Register (ASCR) share the same address.
Scratchpad Register (SPR)
This register is accessed when the device is in non-extended mode (EXCR1.EXT_SL = 0). This is a scratchpad register for
temporary data storage.
Auxiliary Status and Control Register (ASCR)
ASCR is accessed when the extended mode (EXCR1.EXT_SL = 1) of operation is selected. The definition of the bits in this
case is dependent upon the mode selected in the MCR, bits 7 to 5. This register is cleared upon hardware reset. Bit 2 is
also cleared when the transmitter is “soft reset” (via the FIFO Control register) or after the S_EOT byte is transmitted. Bit 6
is also cleared when the transmitter is “soft reset” or by writing 1 into it. Bits 0, 1, 4, and 5 are also cleared when the
receiver is “soft reset” (via the FIFO Control register).
I/O Offset
07h
Type
R/W
Reset Value
00h
I/O Offset
07h
Type
R/W
Reset Value
00h
ASCR Extended Mode Register Map
76
54
32
1
0
RSVD
TXUR
RXACT
RXWDG
RSVD
S_EOT
RSVD
RXF_TOUT
ASCR Extended Mode Bit Descriptions
Bit
Name
Description
7
RSVD
Reserved. Write as 0.
6TXUR
IR Transmitter Underrun. For CEIR mode only. This bit is set to 1 when a transmitter
underrun occurs. It is always cleared when a mode other than CEIR is selected. This bit
must be cleared, by writing a 1 into it to re-enable transmission.
5RXACT
Receiver Active. For CEIR mode only. This bit is set to 1 when an IR pulse or pulse-train is
received. If a 1 is written into this bit position, the bit is cleared and the receiver deactivated.
When this bit is set, the receiver samples the IR input continuously at the programmed
baud and transfers the data to the RX_FIFO.
4RXWDG
Reception WATCHDOG. For CEIR mode only. This bit is set to 1 each time a pulse or
pulse-train (modulated pulse) is detected by the receiver. It can be used by the software to
detect a receiver idle condition. It is cleared upon read.
3
RSVD
Reserved. Write as 0.
2S_EOT
Set End of Transmission. For CEIR mode only. When a 1 is written into this bit position
before writing the last character into the TX_FIFO, data transmission is properly completed.
If the CPU simply stops writing data into the TX_FIFO at the end of the data stream, a
transmitter underrun is generated and the transmitter stops. In this case this is not an error,
but the software must clear the underrun before the next transmission can occur. This bit is
automatically cleared by hardware when a character is written to the TX_FIFO.
1
RSVD
Reserved. Write as 0.
0RXF_TOUT
(RO)
RX_FIFO Timeout (Read Only). This bit is set to 1 if the RX_FIFO is below threshold and
an RX_FIFO timeout occurs. It is cleared when a character is read from the RX_FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com