Electronic Components Datasheet Search
  English  ▼

X  

CS5535 Datasheet(PDF) 386 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535 Datasheet(HTML) 386 Page - National Semiconductor (TI)

Back Button CS5535 Datasheet HTML 382Page - National Semiconductor (TI) CS5535 Datasheet HTML 383Page - National Semiconductor (TI) CS5535 Datasheet HTML 384Page - National Semiconductor (TI) CS5535 Datasheet HTML 385Page - National Semiconductor (TI) CS5535 Datasheet HTML 386Page - National Semiconductor (TI) CS5535 Datasheet HTML 387Page - National Semiconductor (TI) CS5535 Datasheet HTML 388Page - National Semiconductor (TI) CS5535 Datasheet HTML 389Page - National Semiconductor (TI) CS5535 Datasheet HTML 390Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 386 / 555 page
background image
www.national.com
386
Revision 0.8
UART/IR Controller Register Descriptions (Continued)
5.12.5.5
TX_FIFO Current Level Register (TXFLV)
TXFLV returns the number of bytes in the TX_FIFO.
5:4
PRESL[1:0]
Prescaler Select. The prescaler divides the 24 MHz input clock frequency to provide the
clock for the baud generator.
00: 13 (Default)
01: 1.625
10: Reserved
11: 1.0
3:2
RF_SIZ[1:0]
RX_FIFO Levels Select. These bits select the number of levels for the RX_FIFO. They
are effective only when the FIFOs are enabled. (FCR bit 0 = 1.)
00: 16 (Default)
01: 32
1x: Reserved
1:0
TF_SIZ[1:0]
TX_FIFO Levels Select. These bits select the number of levels for the TX_FIFO. They
are effective only when the FIFOs are enabled. (FCR bit 0 = 1.)
00: 16 (Default)
01: 32
1x: Reserved
I/O Offset
06h
Type
RO
Reset Value
00h
TXFLV Register Map
76
54
32
10
RSVD
TFL[5:0]
TXFLV Bit Descriptions
Bit
Name
Description
7:6
RSVD
Reserved. Returns 0.
5:0
TFL[5:0]
Number of Bytes in TX_FIFO. These bits specify the number of bytes in the TX_FIFO.
Note:
The contents of TXFLV and RXFLV are not frozen during CPU reads. Therefore,
invalid data could be returned if the CPU reads these registers during normal
transmitter and receiver operation. To obtain correct data, the software should
perform three consecutive reads and then take the data from the second read if
the first and second reads yield the same result. It can also be taken from the
third read if the first and second reads yield different results.
EXCR2 Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com