Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 231 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 231 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 227Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 228Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 229Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 230Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 231Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 232Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 233Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 234Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 235Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 555 page
background image
Revision 0.8
231
www.national.com
ACC Register Descriptions (Continued)
0Ch
R/W
32
Codec Control Register
(ACC_CODEC_CNTL)
00000000h
Page 239
10h-11h
---
---
Not Used
---
---
12h
RO
16
Second Level Audio IRQ Status Regis-
ter (ACC_IRQ_STATUS)
00000000h
Page 241
14h
R/W
32
Bus Master Engine Control Register
(ACC_ENGINE_CNTL)
00000000h
Page 242
18h-1Fh
---
---
Not Used
---
---
20h
R/W
8
Bus Master 0 Command
(ACC_BM0_CMD)
00h
Page 243
21h
RC
8
Bus Master 0 IRQ Status
(ACC_BM0_STATUS)
00h
Page 244
22h-23h
---
---
Not Used
---
---
24h
R/W
32
Bus Master 0 PRD Table Address
(ACC_BM0_PRD)
00000000h
Page 245
28h
R/W
8
Bus Master 1 Command
(ACC_BM1_CMD)
08h
Page 243
29h
RC
8
Bus Master 1 IRQ Status
(ACC_BM1_STATUS)
00h
Page 244
2Ah-2Bh
---
---
Not Used
---
---
2Ch
R/W
32
Bus Master 1 PRD Table Address
(ACC_BM1_PRD)
00000000h
Page 245
30h
R/W
8
Bus Master 2 Command
(ACC_BM2_CMD)
00h
Page 243
31h
RC
8
Bus Master 2 IRQ Status
(ACC_BM2_STATUS)
00h
Page 244
32h-33h
---
---
Not Used
---
---
34h
R/W
32
Bus Master 2 PRD Table Address
(ACC_BM2_PRD)
00000000h
Page 245
38h
R/W
8
Bus Master 3 Command
(ACC_BM3_CMD)
08h
Page 243
39h
RC
8
Bus Master 3 IRQ Status
(ACC_BM3_STATUS)
00h
Page 244
3Ah-3Bh
---
---
Not Used
---
---
3Ch
R/W
32
Bus Master 3 PRD Table Address
(ACC_BM3_PRD)
00000000h
Page 245
40h
R/W
8
Bus Master 4 Command
(ACC_BM4_CMD)
00h
Page 243
41h
RC
8
Bus Master 4 IRQ Status
(ACC_BM4_STATUS)
00h
Page 244
42h-43h
---
---
Not Used
---
---
44h
R/W
32
Bus Master 4 PRD Table Address
(ACC_BM4_PRD)
00000000h
Page 245
48h
R/W
8
Bus Master 5 Command
(ACC_BM5_CMD)
08h
Page 243
Table 5-9. ACC Native Registers Summary
ACC I/O Offset
Type
Width
(Bits)
Name
Reset Value
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com