Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 232 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 232 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 228Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 229Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 230Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 231Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 232Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 233Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 234Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 235Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 236Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 555 page
background image
www.national.com
232
Revision 0.8
ACC Register Descriptions (Continued)
49h
RC
8
Bus Master 5 IRQ Status
(ACC_BM5_STATUS)
00h
Page 244
4Ah-4Bh
---
---
Not Used
---
---
4Ch
R/W
32
Bus Master 5 PRD Table Address
(ACC_BM5_PRD)
00000000h
Page 245
50h
R/W
8
Bus Master 6 Command
(ACC_BM6_CMD)
00h
Page 243
51h
RC
8
Bus Master 6 IRQ Status
(ACC_BM6_STATUS)
00h
Page 244
52h-53h
---
---
Not Used
---
---
54h
R/W
32
Bus Master 6 PRD Table Address
(ACC_BM6_PRD)
00000000h
Page 245
58h
R/W
8
Bus Master 7 Command
(ACC_BM7_CMD)
00h
Page 243
59h
RC
8
Bus Master 7 IRQ Status
(ACC_BM7_STATUS)
00h
Page 244
5Ah-5Bh
---
---
Not Used
---
---
5Ch
R/W
32
Bus Master 7 PRD Table Address
(ACC_BM7_PRD)
00000000h
Page 245
60h
RO
32
Bus Master 0 DMA Pointer
(ACC_BM0_PNTR)
00000000h
Page 246
64h
RO
32
Bus Master 1 DMA Pointer
(ACC_BM1_PNTR)
00000000h
Page 246
68h
RO
32
Bus Master 2 DMA Pointer
(ACC_BM2_PNTR)
00000000h
Page 246
6Ch
RO
32
Bus Master 3 DMA Pointer
(ACC_BM3_PNTR)
00000000h
Page 246
70h
RO
32
Bus Master 4 DMA Pointer
(ACC_BM4_PNTR)
00000000h
Page 246
74h
RO
32
Bus Master 5 DMA Pointer
(ACC_BM5_PNTR)
00000000h
Page 246
78h
RO
32
Bus Master 6 DMA Pointer
(ACC_BM6_PNTR)
00000000h
Page 246
7Ch
RO
32
Bus Master 7 DMA Pointer
(ACC_BM7_PNTR)
00000000h
Page 246
Table 5-9. ACC Native Registers Summary
ACC I/O Offset
Type
Width
(Bits)
Name
Reset Value
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com