Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 234 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 234 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 230Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 231Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 232Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 233Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 234Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 235Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 236Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 237Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 238Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 555 page
background image
www.national.com
234
Revision 0.8
ACC Register Descriptions (Continued)
5.3.1.3
GeodeLink Device SMI MSR (ACC_GLD_MSR_SMI)
The flags are set by internal conditions. The internal conditions are enabled if the EN bit is 1. Reading the FLAG bit returns
the value; writing 1 clears the flag; writing 0 has no effect. (See Section 3.8.3 "MSR Address 2: SMI Control" on page 67 for
further SMI/ASMI generation details.)
15:14
DISCARD
Read Prefetch Discard Policy.
00: Reserved.
01: Discard all data not taken under current local bus grant.
10: Discard all data on any local bus transaction.
11: Discard all data on any local bus write transaction. Always use this value.
13
NON_COH_WR
Non-Coherent Write.
0: Write requests are coherent.
1: Write requests are non-coherent. Always use this value.
12
NON_COH_RD
Non-Coherent Read.
0: Read requests are coherent.
1: Read requests are non-coherent. Always use this value.
11:7
RSVD
Reserved. Reads as 0.
6:4
PRI
Priority Level. Always write 0.
3
RSVD (RO)
Reserved (Read Only). Returns 0.
2:0
PID
Priority ID. Always write 0.
MSR Address
51500002h
Type
R/W
Reset Value
00000000_00000000h
ACC_GLD_MSR_SMI Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
ACC_GLD_MSR_SMI Bit Descriptions
Bit
Name
Description
63:33
RSVD
Reserved. Reads return 0.
32
IRQ_SSMI_FLAG
IRQ SSMI Flag. If high, records that an SSMI was generated because the ACC inter-
rupt signal transitioned from 0 to 1. This bit is unaffected when the interrupt transitions
from 1 to 0. Write 1 to clear; writing 0 has no effect. IRQ_SSMI_EN (bit 1) must be set
to enable this event and set flag.
31:1
RSVD
Reserved. Reads return 0.
ACC_GLD_MSR_CONFIG Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com