Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 343 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 343 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 339Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 340Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 341Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 342Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 343Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 344Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 345Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 346Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 347Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 555 page
background image
Revision 0.8
343
www.national.com
PIC Register Descriptions (Continued)
5.9.2.8
Operation Command Word 3 (PIC_OCW3)
PIC_OCW2 Bit Descriptions
Bit
Name
Description
7:5
ROT_EOI
Rotate/EOI Codes.
000: Clear rotate in Auto EOI mode.
100: Set rotate in Auto EOI mode.
001: Non-specific EOI.
101: Rotate on non-specific EOI command.
010: No operation.
110: Set priority command (bits [2:0] must be valid).
011: Specific EOI (bits [2:0] must be valid.
111: Rotate on specific EOI command (bits [2:0] must be valid)
4:3
00
Write to 0. Write to 00 to write OCW2 (rather than OCW3 or ICW1). (See Section 5.9.2
"PIC Native Registers" on page 339.)
2:0
IRQ
IRQ Number (000-111).
I/O Port
Master: 020h
Slave:
0A0h
Type
WO
Reset Value
00h
PIC_OCW3 Register Map
76
54
32
10
RSVD
SP_MASK
01
RSVD
REG_READ
PIC_OCW3 Bit Descriptions
Bit
Name
Description
7
RSVD
Reserved. Write to 0.
6:5
SP_MASK
Special Mask Mode. The internal SMM Mode bit can be set or cleared using this 2-bit
field.
0x: No change to the internal SMM Mode bit.
10: Clears the internal SMM Mode bit (i.e., value of SMM Mode bit = 0). (Default after
initialization.)
11: Sets the internal SMM Mode bit (i.e., value of SMM Mode bit = 1).
While the internal SMM Mode bit is 1, interrupt blocking by priority is disabled, and only
the Interrupt Mask Register (OCW1) is used to block interrupt requests to the CPU.
While the internal SMM Mode bit is 0 (the default), an unmasked IRQ must also be of
higher priority than the IRQ of the currently running interrupt service routine. Regard-
less of the setting of this bit, the IRQ priority is still used to arbitrate among multiple
allowed IRQ requests at the time of an Interrupt Acknowledge access from the CPU.
4:3
01
Write to 01. Write to 01 to write OCW3 (rather than OCW2 or ICW1). (See Section
5.9.2 "PIC Native Registers" on page 339.)
2
RSVD
Reserved. Write to 0. (Poll Command at this address is not supported.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com