Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 341 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 341 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 337Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 338Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 339Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 340Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 341Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 342Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 343Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 344Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 345Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 555 page
background image
Revision 0.8
341
www.national.com
PIC Register Descriptions (Continued)
5.9.2.3
Initialization Command Word 2 (PIC_ICW2)
5.9.2.4
Initialization Command Word 3 (PIC_ICW3)
5.9.2.5
Initialization Command Word 4 (PIC_ICW4)
I/O Port
Master: 021h
Slave:
0A1h
Type
WO
Reset Value
00h
PIC_ICW2 Register Map
76
54
32
10
A[7:3]
RSVD
PIC_ICW2 Bit Descriptions
Bit
Name
Description
7:3
A[7:3]
Address Lines [7:3]. For base vector of interrupt controller.
2:0
RSVD
Reserved. Write to 0.
I/O Port
Master: 021h
Slave:
0A1h
Type
WO
Reset Value
00h
PIC_ICW3 Register Map
76
54
32
10
Master = CASCADE_IRQ; Slave = SLAVE_ID
PIC_ICW3 Bit Descriptions
Bit
Name
Description
Master
7:0
CASCADE_IRQ
Cascade IRQ. Must be written to 04h.
Slave
7:0
SLAVE_ID
Slave ID. Must be written to 02h.
I/O Port
Master: 021h
Slave:
0A1h
Type
WO
Reset Value
00h
PIC_ICW4 Register Map
76
54
32
10
RSVD
SPEC_NST
RSVD
AUTO_EOI
RSVD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com