Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 337 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 337 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 333Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 334Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 335Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 336Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 337Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 338Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 339Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 340Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 341Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 555 page
background image
Revision 0.8
337
www.national.com
PIC Register Descriptions (Continued)
5.9.1.6
IRQ Mapper Extended Interrupt Request Status High (PIC_XIRR_STS_HIGH)
MSR Address
51400027h
PIC I/O Offset
1Ch
Type
RO
Reset Value
xxxxxxxxh
PIC_XIRR_STS_HIGH Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
87654321
0
IG15_STS
IG14_STS
IG13_STS
IG12_STS
IG11_STS
IG10_STS
IG9_STS
IG8_STS
PIC_XIRR_STS_HIGH Bit Descriptions
Bit
Name
Description
31:28
IG15_STS
Group 15 Interrupt Status. Reports the status of the four interrupts in this group.
bit 28: Primary Input 15.
bit 29: LPC Input 15.
bit 30: Unrestricted Y Input 15.
bit 31: Unrestricted Z Input 15.
27:24
IG14_STS
Group 14 Interrupt Status. Reports the status of the four interrupts in this group.
bit 24: Primary Input 14.
bit 25: LPC Input 14.
bit 26: Unrestricted Y Input 14.
bit 27: Unrestricted Z Input 14.
23:20
IG13_STS
Group 13 Interrupt Status. Reports the status of the four interrupts in this group.
bit 20: Primary Input 13.
bit 21: LPC Input 13.
bit 22: Unrestricted Y Input 13.
bit 23: Unrestricted Z Input 13.
19:16
IG12_STS
Group 12 Interrupt Status. Reports the status of the four interrupts in this group.
bit 16: Primary Input 12.
bit 17: LPC Input 12.
bit 18: Unrestricted Y Input 12.
bit 19: Unrestricted Z Input 12.
15:12
IG11_STS
Group 11 Interrupt Status. Reports the status of the four interrupts in this group.
bit 12: Primary Input 11.
bit 13: LPC Input 11.
bit 14: Unrestricted Y Input 11.
bit 15: Unrestricted Z Input 11.
11:8
IG10_STS
Group 10 Interrupt Status. Reports the status of the four interrupts in this group.
bit 08: Primary Input 10.
bit 09: LPC Input 10.
bit 10: Unrestricted Y Input 10.
bit 11: Unrestricted Z Input 10.
7:4
IG9_STS
Group 9 Interrupt Status. Reports the status of the four interrupts in this group.
bit 4: Primary Input 9.
bit 5: LPC Input 9.
bit 6: Unrestricted Y Input 9.
bit 7: Unrestricted Z Input 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com