Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 335 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 335 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 331Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 332Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 333Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 334Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 335Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 336Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 337Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 338Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 339Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 555 page
background image
Revision 0.8
335
www.national.com
PIC Register Descriptions (Continued)
5.9.1.4
IRQ Mapper LPC Mask (PIC_IRQM_LPC)
5.9.1.5
IRQ Mapper Extended Interrupt Request Status Low (PIC_XIRR_STS_LOW)
15:0
PRIM[15:0]_MSK
Primary Inputs [15:0] Mask. Bits [15:0] correspond to Primary Inputs [15:0], bit 2 is
reserved (i.e., no IRQ2).
0: Mask the interrupt source.
1: Do not mask the interrupt source.
For Primary Inputs [15:0] sources, see Table 4-12 on page 104.
MSR Address
51400025h
PIC I/O Offset
14h
Type
R/W
Reset Value
00000000h
PIC_IRQM_LPC Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
87654321
0
RSVD
PIC_IRQM_LPC Bit Descriptions
Bit
Name
Description
31:16
RSVD
Reserved. Set to 0.
15:0
LPC[15:0]_EN
LPC Inputs [15:0] Enable. Bits [15:0] correspond to LPC Inputs [15:0], bit 2 is don’t
care (i.e., no IRQ2).
0: Disable interrupt source.
1: Enable interrupt source.
For LPC Inputs [15:0] sources, see Table 4-12 on page 104.
MSR Address
51400026h
PIC I/O Offset
18h
Type
RO
Reset Value
xxxxxxxxh
PIC_XIRR_STS_LOW Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
87654321
0
IG7_STS
IG6_STS
IG5_STS
IG4_STS
IG3_STS
IG2_
STS
RSVD
IG1_STS
RSVD
IG0_
STS
PIC_IRQM_PRIM Bit Descriptions
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com