Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 334 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 334 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 330Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 331Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 332Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 333Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 334Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 335Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 336Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 337Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 338Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 555 page
background image
www.national.com
334
Revision 0.8
PIC Register Descriptions (Continued)
5.9.1.2
IRQ Mapper Unrestricted Y and Z Select High (PIC_[Y/Z]SEL_HIGH)
IRQ Mapper Unrestricted Y Select High
(PIC_YSEL_HIGH)
IRQ Mapper Unrestricted Z Select High
(PIC_ZSEL_HIGH)
5.9.1.3
IRQ Mapper Primary Mask (PIC_IRQM_PRIM)
MSR Address
51400021h
PIC I/O Offset
04h
Type
R/W
Reset Value
00000000h
MSR Address
51400023h
PIC I/O Offset
0Ch
Type
R/W
Reset Value
00000000h
PIC_[Y/Z]SEL_HIGH Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
87654321
0
MAP_[Y/Z]15
MAP_[Y/Z]14
MAP_[Y/Z]13
MAP_[Y/Z]12
MAP_[Y/Z]11
MAP_[Y/Z]10
MAP_[Y/Z]9
MAP_[Y/Z]8
PIC_[Y/Z]SEL_HIGH Bit Descriptions
Bit
Name
Description
31:28
MAP_[Y/Z]_15
Map Unrestricted [Y/Z] Input 15.
0000: Disable
0100: IG4
1000: IG8
1100: IG12
0001: IG1
0101: IG5
1001: IG9
1101: IG13
0010: IG2
0110: IG6
1010: IG10
1110: IG14
0011: IG3
0111: IG7
1011: IG11
1111: IG15
For Unrestricted Y and Z Inputs [7:0] sources, see Table 4-13 and Table 4-14 on page
105.
27:24
MAP_[Y/Z]_14
Map Unrestricted [Y/Z] Input 14. See bits [31:28] for decode.
23:20
MAP_[Y/Z]_13
Map Unrestricted [Y/Z] Input 13. See bits [31:28] for decode.
19:16
MAP_[Y/Z]_12
Map Unrestricted [Y/Z] Input 12. See bits [31:28] for decode.
15:12
MAP_[Y/Z]_11
Map Unrestricted [Y/Z] Input 11. See bits [31:28] for decode.
11:8
MAP_[Y/Z]_10
Map Unrestricted [Y/Z] Input 10. See bits [31:28] for decode.
7:4
MAP_[Y/Z]_9
Map Unrestricted [Y/Z] Input 9. See bits [31:28] for decode.
3:0
MAP_[Y/Z]_8
Map Unrestricted [Y/Z] Input 8. See bits [31:28] for decode.
MSR Address
51400024h
PIC I/O Offset
10h
Type
R/W
Reset Value
0000FFFFh
PIC_IRQM_PRIM Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
87654321
0
RSVD
PIC_IRQM_PRIM Bit Descriptions
Bit
Name
Description
31:16
RSVD
Reserved. Set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com