Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 338 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 338 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 334Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 335Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 336Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 337Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 338Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 339Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 340Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 341Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 342Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 555 page
background image
www.national.com
338
Revision 0.8
PIC Register Descriptions (Continued)
5.9.1.7
PIC Shadow (PIC_SHDW)
3:0
IG8_STS
Group 8 Interrupt Status. Reports the status of the four interrupts in this group.
bit 0: Primary Input 8.
bit 1: LPC Input 8.
bit 2: Unrestricted Y Input 8.
bit 3: Unrestricted Z Input8.
MSR Address
51400034h
Type
RO
Reset Value
xxh
PIC_SHDW Register Map
76
54
32
10
PIC_SHDW
PIC_SHDW Bit Descriptions
Bit
Name
Description
7:0
PIT_SHDW (RO)
PIC Shadow (Read Only). This 8-bit port sequences through the following list of shad-
owed Programmable Interrupt Controller registers. At power on, a pointer starts at the
first register in the list and consecutively reads incrementally through it. A write to this
register resets the read sequence to the first register. Each shadow register in the
sequence contains the last data written to that location.
The read sequence for this register is:
1.
PIC1 ICW1.
2.
PIC1 ICW2.
3.
PIC1 ICW3.
4.
PIC1 ICW4 - Bits [7:5] of ICW4 are always 0.
5.
PIC1 OCW2 - Bits [6:3] of OCW2 are always 0 (Note 1).
6.
PIC1 OCW3 - Bits [7, 4] are 0 and bit [6, 3] are 1.
7.
PIC2 ICW1.
8.
PIC2 ICW2.
9.
PIC2 ICW3.
10. PIC2 ICW4 - Bits [7:5] of ICW4 are always 0.
11. PIC2 OCW2 - Bits [6:3] of OCW2 are always 0 (Note 1).
12. PIC2 OCW3 - Bits [7, 4] are 0 and bit [6, 3] are 1.
Note 1. To restore OCW2 to shadow register value, write the appropriate address twice. First with the shadow register val-
ue, then with the shadow register value ORed with C0h.
PIC_XIRR_STS_HIGH Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com