Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 345 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 345 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 341Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 342Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 343Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 344Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 345Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 346Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 347Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 348Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 349Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 555 page
background image
Revision 0.8
345
www.national.com
PIC Register Descriptions (Continued)
5.9.2.11
Interrupt Edge/Level Select 1 (PIC_INT_SEL1)
PIC_ISR Bit Descriptions
Bit
Name
Description
7
IRQ7_15IS
IRQ7 / IRQ15 In-Service. 0: No; 1: Yes.
6
IRQ6_14IS
IRQ6 / IRQ14 In-Service. 0: No; 1: Yes.
5
IRQ5_13IS
IRQ5 / IRQ13 In-Service. 0: No; 1: Yes.
4
IRQ4_12IS
IRQ4 / IRQ12 In-Service. 0: No; 1: Yes.
3
IRQ3_11IS
IRQ3 / IRQ11 In-Service. 0: No; 1: Yes.
2
IRQ2_10IS
IRQ2 / IRQ10 In-Service. 0: No; 1: Yes.
1
IRQ1_9IS
IRQ1 / IRQ9 In-Service. 0: No; 1: Yes.
0
IRQ0_8IS
IRQ0 / IRQ8 In-Service. 0: No; 1: Yes.
I/O Port
4D0h
Type
R/W
Reset Value
00h
PIC_INT_SEL1 Register Map
76
54
32
10
IRQ7_SEL
IRQ6_SEL
IRQ5_SEL
IRQ4_SEL
IRQ3_SEL
RSVD
IRQ1_SEL
RSVD
PIC_INT_SEL1 Bit Descriptions
Bit
Name
Description
7
IRQ7_SEL
IRQ7 Edge or Level Select. Selects PIC IRQ7 sensitivity configuration.
0: Edge; 1: Level. (Note 1)
Note 1. If ICW1 bit 3 in the PIC is set as level, it overrides the settings of this bit. This bit is provided to configure a PCI
interrupt mapped to IRQ[x] on the PIC as level-sensitive (shared).
6
IRQ6_SEL
IRQ6 Edge or Level Select. Selects PIC IRQ6 sensitivity configuration.
0: Edge; 1: Level. (Note 1)
5
IRQ5_SEL
IRQ5 Edge or Level Select. Selects PIC IRQ5 sensitivity configuration.
0: Edge; 1: Level. (Note 1)
4
IRQ4_SEL
IRQ4 Edge or Level Select. Selects PIC IRQ4 sensitivity configuration.
0: Edge; 1: Level. (Note 1)
3
IRQ3_SEL
IRQ3 Edge or Level Select. Selects PIC IRQ7 sensitivity configuration.
0: Edge; 1: Level. (Note 1)
2
RSVD
Reserved. Write to 0.
1
IRQ1_SEL
IRQ1 Edge or Level Select. Selects PIC IRQ1 sensitivity configuration.
0: Edge; 1: Level. (Note 1)
0
RSVD
Reserved. Write to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com