Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 348 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 348 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 344Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 345Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 346Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 347Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 348Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 349Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 350Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 351Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 352Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 555 page
background image
www.national.com
348
Revision 0.8
KEL Register Descriptions (Continued)
5.10.1 KEL Specific MSRs
5.10.1.1
Keyboard Emulation Logic Control Register (KELX_CTL)
Port A operation is not effected by Snoop or EmulationEnable settings in KELX_CTL. Bits [31:5] are Reserved. Writes are
“don’t care” and reads always return zero.
MSR Address
5140001Fh
Type
R/W
Reset Value
00000010h
KELX_CTL Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
87654321
0
RSVD
KELX_CTL Bit Descriptions
Bit
Name
Description
31:5
RSVD
Reserved. Writes have no effect; reads return 0.
4
PRTA_EN
Port A Enable. Defaults high. If high, Port A is enabled and accesses to I/O Port 092h
are processed by the CS5535. If low, accesses to I/O Port 092h are passed on to the
LPC bus (where Port A may exist inside a SuperI/O).
3:2
SOFEVENT
Start-Of-Frame (SOF) Event (SOFEVENT) Selection.
00: Test Mode (No delays).
01: USB1 (Default).
10: USB2.
11: 1 ms from PIT.
1
EER
Emulation Event (EE) Routing.
0: Emulation Interrupt and ASMI.
1: ASMI only.
The EER bit controls keyboard emulation interrupt generation associated with EEs:
• Character Pending - Clear EE by setting the Outputfull bit in the HCE_Status register
or clearing the CharacterPending bit in HCE_Control.
• Input Full - Clear EE by clearing the InputFull bit in HCE_Status.
• External IRQ - Clear EE by clearing IRQ1Active or IRQ12Active as appropriate in
HCE_Control.
0SNOOP
Snoop. Only applies when EmulationEnable in HCE_Control is low. When high, indi-
cates A20 and Init keyboard sequences are to be detected on I/O Port 060h/064h
transactions to the LPC keyboard. KEL must generate ASMI upon detection of A20 and
Init even though EmulationEnable in HCE_Control is low.
Emulation
Enable Snoop
0
1
PORTA_A20_ASMI or KEL_INIT_ASMI is generated when sequence
is detected. Status of ASMI Flag and Enable bits are in DIVIL MSR
51400002h.
1
x
PORTA_A20_ASMI or KEL_INIT_ASMI is generated when sequence
is detected. KEL_ASMI is generated on InputFull, External IQ, or
Character Pending. Status of ASMI Flag and Enable bits are in DIVIL
MSR 51400002h For the A20 keyboard sequence, both KEL_ASMI
and PORTA_A20_ASMI are signaled.
00
OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com