Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 350 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 350 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 346Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 347Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 348Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 349Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 350Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 351Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 352Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 353Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 354Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 555 page
background image
www.national.com
350
Revision 0.8
KEL Register Descriptions (Continued)
5.10.2.2
KEL HCE Input (KEL_HCE_IN)
I/O data that is written to I/O Port 060h and 064h is captured in the HCE_Input register when emulation is enabled. This
register may be read or written directly by accessing it with its memory address in the KEL’s operational register space.
When accessed directly via the KEL’s operational address space, reads and writes of this register have no side effects.
5.10.2.3
KEL HCE Output (KEL_HCE_OUT)
The data placed in the HCE_Output register by the emulation software is returned when I/O Port 060h is read and emula-
tion is enabled. On a read of this location, the OutputFull bit in HCE_Status is cleared to 0.
KEL Memory Offset 104h
Type
R/W
Reset Value
000000xxh
KEL_HCE_IN Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
Input_Data
KEL_HCE_IN Bit Descriptions
Bit
Name
Description
31:8
RSVD
Reserved. Writes have no effect; reads return 0.
7:0
Input_Data
Input Data. This register holds data normally read by SSM software. The register value
is normally established by a write to I/O Port 060h or 064h. However, the value can also
be established by a direct write. Such direct writes have no side effects.
KEL Memory Offset 108h
Type
R/W
Reset Value
000000xxh
KEL_HCE_OUT Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
Output_Data
KEL_HCE_OUT Bit Descriptions
Bit
Name
Description
31:8
RSVD
Reserved. Writes have no effect; reads return 0.
7:0
Output_Data
Output Data. This register holds data normally written by SSM software. It is returned
when an I/O read of I/O Port 060h is performed. Writes to this register have no side
effects. After writing this register, SSM software normally sets OutputFull in
HCE_Status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com