Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 353 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 353 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 349Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 350Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 351Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 352Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 353Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 354Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 355Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 356Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 357Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 555 page
background image
Revision 0.8
353
www.national.com
5.11 SYSTEM MANAGEMENT BUS REGISTER DESCRIPTIONS
The registers for the System Management Bus (SMB) are
divided into two sets:
• Standard GeodeLink Device MSRs (Shared with DIVIL,
see Section 5.6.1 on page 299.)
• SMB Native Registers
The MSRs are accessed via the RDMSR and WRMSR pro-
cessor instructions. The MSR address is derived from the
perspective of the CPU Core. See Section 3.2 "CS5535
MSR Addressing" on page 53 for more details on MSR
addressing.
The Native registers (summarized in Table 5-27) are
accessed via Base Address Register MSR_LBAR_SMB
(MSR 5140000Bh) as I/O Offsets. (See Section 5.6.2.4 on
page 309 for bit descriptions of the Base Address Regis-
ter.) The reference column in the summary table points to
the page where the register maps and bit descriptions are
listed.
Table 5-27. SMB Native Registers Summary
SMB I/O
Offset
Type
Width
(Bits)
Register Name
Reset Value
Reference
00h
R/W
8
SMB Serial Data (SMB_SDA)
00h
Page 354
01h
R/W
8
SMB Status (SMB_STS)
00h
Page 354
02h
R/W
8
SMB Control Status (SMB_CTRL_STS)
10h
Page 356
03h
R/W
8
SMB Control 1 (SMB_CTRL1)
00h
Page 357
04h
R/W
8
SMB Address (SMB_ADDR)
00h
Page 358
05h
R/W
8
SMB Control 2 (SMB_CTRL2)
00h
Page 359
06h
R/W
8
SMB Control 3 (SMB_CTRL3)
00h
Page 359
07h
R/W
8
SMB Reserved Register (SMBRSVD).
Writes are “don't care” and reads return
undefined value.
xxh
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com