Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 357 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 357 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 353Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 354Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 355Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 356Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 357Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 358Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 359Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 360Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 361Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 555 page
background image
Revision 0.8
357
www.national.com
SMB Controller Register Descriptions (Continued)
5.11.1.4
SMB Control 1 (SMB_CTRL1)
This register configures and controls the SMB functional block. It maintains the current SMB status and controls several
SMB functions. On reset and when the SMB is disabled, the non-reserved bits of SMB_CTRL1 are cleared.
SMB I/O Offset
03h
Type
R/W
Reset Value
00h
SMB_CTRL1 Register Map
76
54
32
10
STASTRE
NMINTE
GCMEN
ACK
RSVD
INTEN
STOP
START
SMB_CTRL1 Bit Descriptions
Bit
Name
Description
7
STASTRE
Stall After Start Enable.
0: When cleared, STASTR (SMB I/O Offset 01h[3]) can not be set. However, if
STASTR is set, clearing STASTRE will not clear STASTR.
1: Stall after start mechanism enabled, and SMB stalls the bus after the address byte.
6NMINTE
New Match Interrupt Enable.
0: No interrupt issued on a new match.
1: Interrupt issued on a new match only if INTEN (bit 2) is set.
5GCMEN
Global Call Match Enable.
0: SMB not responding to global call.
1: Global call match enabled.
4ACK
Receive Acknowledge. This bit is ignored in transmit mode. When the device acts as
a receiver (slave or master), this bit holds the transmitting instruction that is transmitted
during the next acknowledge cycle.
0: Cleared after acknowledge cycle.
1: Negative acknowledge issued on next received byte.
3
RSVD
Reserved. Reads return 0; writes have no effect.
2INTEN
Interrupt Enable.
0: SMB interrupt disabled.
1: SMB interrupt enabled. An interrupt is generated in response to one of the following
events:
-Detection of an address match (NMATCH, SMB I/O Offset 01h[2] = 1) and NMINTE
(bit 6) = 1.
-Receipt of bus error (BER, SMB I/O Offset 01h[5] = 1).
-Receipt of Negative Acknowledge after sending a byte (NEGACK, SMB I/O Offset
01h[4] = 1).
-Acknowledge of each transaction (same as the hardware set of the SDAST bit,
SMB I/O Offset 01h[6]) when DMA not enabled.
-In master mode if STASTRE = 1 (SMB I/O Offset 03h[7]), after a successful start
(STASTR = 1, SMB I/O Offset 01h[3]).
-Detection of a Stop condition while in slave mode (SLVSTP = 1, SMB I/O Offset
01h[7]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com