Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 356 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 356 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 352Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 353Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 354Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 355Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 356Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 357Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 358Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 359Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 360Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 555 page
background image
www.national.com
356
Revision 0.8
SMB Controller Register Descriptions (Continued)
5.11.1.3
SMB Control Status (SMB_CTRL_STS)
This register configures and controls the SMB functional block. It maintains the current SMB status and controls several
SMB functions. On reset and when the SMB is disabled, the non-reserved bits of SMBCST are cleared.
SMB I/O Offset
02h
Type
R/W
Reset Value
10h
SMB_CTRL_STS Register Map
76
54
32
10
RSVD
TGSCL
TSDA
GCMTCH
MATCH
BB
BUSY
SMB_CTRL_STS Bit Descriptions
Bit
Name
Description
7:6
RSVD
Reserved. Reads return 0; writes have no effect.
5TGSCL
Toggle SMB_CLK Line. Enables toggling the SMB_CLK line during error recovery.
0: Clock toggle completed.
1: When the SMB_DATA line is low, writing 1 to this bit toggles the SMB_CLK line for
one cycle. Writing 1 to TGSCL while SMB_DATA is high is ignored.
4
TSDA (RO)
Test SMB_DATA Line (Read Only). This bit reads the current value of the SMB_DATA
line. It can be used while recovering from an error condition in which the SMB_DATA
line is constantly pulled low by an out-of-sync slave. Data written to this bit is ignored.
3
GCMTCH (RO)
Global Call Match (Read Only).
0: Start condition or Repeated Start and a Stop condition (including Illegal Start or
Stop condition).
1: In slave mode, GCMEN (SMB I/O Offset 03h[5]) is set and the address byte (the first
byte transferred after a Start condition) is 00h.
2
MATCH (RO)
Address Match (Read Only).
0: Start condition or Repeated Start and a Stop condition (including Illegal Start or
Stop condition).
1: SAEN (SMB I/O Offset 04h[7]) is set and the first 7 bits of the address byte (the first
byte transferred after a Start condition) match the 7-bit address in the SMBADR
(SMB I/O Offset 04h[6:0]).
1
BB (R/W1C)
Bus Busy (Read/Write 1 to Clear).
0: Writing 1, SMB disabled, or Stop condition detected.
1: Bus active (a low level on either SMB_DATA or SMB_CLK), or Start condition.
0
BUSY (RO)
Busy (Read Only). This bit indicates the SMB is either in slave transmit/receive or
master transmit/receive mode, or if there is an arbitration going on the bus.
0: SMB disabled or SMbus in Idle mode
1: SMB is in one of the following states:
-Generating a Start condition.
-Detects a Start condition.
-Master mode (MASTER (SMB I/O Offset 01h[1]) is set).
-Slave mode (MATCH (bit 2) or GCMTCH (bit 3) are set).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com