Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 355 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 355 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 351Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 352Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 353Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 354Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 355Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 356Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 357Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 358Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 359Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 555 page
background image
Revision 0.8
355
www.national.com
SMB Controller Register Descriptions (Continued)
5
BER (R/W1C)
Bus Error (Read/Write 1 to Clear). Writing 0 to BER is ignored.
0: Writing 1 or SMB disabled.
1: Invalid Start or Stop condition detected during data transfer (i.e., Start or Stop condi-
tion during the transfer of bits [8:2] and acknowledge cycle), or when an arbitration
problem detected. If the SMBus loses an arbitration this bit is set.
4
NEGACK
(R/W1C)
Neg Acknowledge (Read/Write 1 to Clear). Writing 0 to NEGACK is ignored.
0: Writing 1 or SMB disabled.
1: Transmission not acknowledged on the ninth clock. (In this case, SDAST (bit 6) is
not set.)
3
STASTR (R/W1C)
Stall After Start (Read/Write 1 to Clear). Writing 0 to STASTR is ignored. When
STASTR is set, it stalls the SMBus by pulling down the SMB_CLK line, and suspends
any further action on the bus (e.g., receive of first byte in master receive mode).
0: Writing 1 or SMB disabled.
1: This bit is not set in the slave mode and is only set in the master transmit mode.
When set, this bit indicates that the address was sent successfully and the bus is
now stalled. Note that this mode of operation must be enabled with the STASTRE bit
(SMB I/O Offset 03h[7]) in order for this bit to function this way. Also, if enabled with
INTEN (SMB I/O Offset 03h[2]), an interrupt is sent when this bit is set. This bit is
cleared by writing a 1 to it; writing a 0 has no effect.
2NMATCH
(R/W1C)
New Match (Read/Write 1 to Clear). Writing 0 to NMATCH is ignored. If INTEN (SMB
I/O Offset 03h[2]) is set, an interrupt is sent when this bit is set.
0: Software writes 1 to this bit.
1: Address byte follows a Start condition or a Repeated Start, causing a match or a
global-call match.
1MASTER (RO)
Master (Read Only).
0: Arbitration loss (BER, bit 5, is set) or recognition of a Stop condition.
1: Bus master request succeeded and master mode active.
0
XMIT (RO)
Transmit (Read Only). Direction bit.
0: Master/slave transmit mode not active.
1: Master/slave transmit mode active.
SMB_STS Bit Descriptions (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com